Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7721 Datasheet(PDF) 56 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 56 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 52Page - Renesas Technology Corp SH7721 Datasheet HTML 53Page - Renesas Technology Corp SH7721 Datasheet HTML 54Page - Renesas Technology Corp SH7721 Datasheet HTML 55Page - Renesas Technology Corp SH7721 Datasheet HTML 56Page - Renesas Technology Corp SH7721 Datasheet HTML 57Page - Renesas Technology Corp SH7721 Datasheet HTML 58Page - Renesas Technology Corp SH7721 Datasheet HTML 59Page - Renesas Technology Corp SH7721 Datasheet HTML 60Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 1524 page
background image
Rev. 3.00 Jan. 18, 2008 Page lvi of lxii
Table 9.13
Relationship between A2/3BSZ[1:0], A2/3ROW[1:0], A2/3COL[1:0],
and Address Multiplex Output (2)-2..................................................................... 352
Table 9.14
Relationship between A2/3BSZ[1:0], A2/3ROW[1:0], A2/3COL[1:0],
and Address Multiplex Output (3) ........................................................................ 353
Table 9.15
Relationship between A2/3BSZ[1:0], A2/3ROW[1:0], A2/3COL[1:0],
and Address Multiplex Output (4)-1..................................................................... 354
Table 9.15
Relationship between A2/3BSZ[1:0], A2/3ROW[1:0], A2/3COL[1:0],
and Address Multiplex Output (4)-2..................................................................... 355
Table 9.16
Relationship between A2/3BSZ[1:0], A2/3ROW[1:0], A2/3COL[1:0],
and Address Multiplex Output (5)-1..................................................................... 356
Table 9.16
Relationship between A2/3BSZ[1:0], A2/3ROW[1:0], A2/3COL[1:0],
and Address Multiplex Output (5)-2..................................................................... 357
Table 9.17
Relationship between A2/3BSZ[1:0], A2/3ROW[1:0], A2/3COL[1:0],
and Address Multiplex Output (6)-1..................................................................... 358
Table 9.17
Relationship between A2/3BSZ[1:0], A2/3ROW[1:0], A2/3COL[1:0],
and Address Multiplex Output (6)-2..................................................................... 359
Table 9.18
Relationship between Access Size and Number of Bursts.................................... 360
Table 9.19
Access Address in SDRAM Mode Register Write ............................................... 380
Table 9.20
Output Addresses when EMRS Command is Issued ............................................ 383
Table 9.21
Relationship between Bus Width, Access Size, and Number of Bursts................ 386
Section 10 Direct Memory Access Controller (DMAC)
Table 10.1
Pin Configuration.................................................................................................. 409
Table 10.2
Transfer Request Sources ..................................................................................... 423
Table 10.3
Selecting External Request Modes with RS Bits .................................................. 426
Table 10.4
Selecting External Request Detection with DL, DS Bits...................................... 427
Table 10.5
Selecting External Request Detection with DO Bit .............................................. 427
Table 10.6
Selecting On-Chip Peripheral Module Request Modes with RS3 to RS0 Bits ..... 429
Table 10.7
Supported DMA Transfers.................................................................................... 434
Table 10.8
Relationship between Request Modes and Bus Modes
by DMA Transfer Category.................................................................................. 441
Section 11 Clock Pulse Generator (CPG)
Table 11.1
Pin Configuration.................................................................................................. 457
Table 11.2
Clock Operating Modes........................................................................................ 458
Table 11.3
Possible Combination of Clock Mode and FRQCR Values ................................. 459
Section 13 Power-Down Modes
Table 13.1
States of Power-Down Modes .............................................................................. 478
Table 13.2
Pin Configuration.................................................................................................. 479



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com