Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7721 Datasheet(PDF) 87 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 87 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 83Page - Renesas Technology Corp SH7721 Datasheet HTML 84Page - Renesas Technology Corp SH7721 Datasheet HTML 85Page - Renesas Technology Corp SH7721 Datasheet HTML 86Page - Renesas Technology Corp SH7721 Datasheet HTML 87Page - Renesas Technology Corp SH7721 Datasheet HTML 88Page - Renesas Technology Corp SH7721 Datasheet HTML 89Page - Renesas Technology Corp SH7721 Datasheet HTML 90Page - Renesas Technology Corp SH7721 Datasheet HTML 91Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 1524 page
background image
Section 1
Overview
Rev. 3.00
Jan. 18, 2008
Page 25 of 1458
REJ09B0033-0300
1.3.2
Pin Functions
Table 1.5 lists the pin functions.
Table 1.5
SH7720/SH7721 Pin Functions
Classification
Symbol
I/O
Name
Function
Vcc
Power supply
Power supply for the internal
modules and ports for the system.
Connect all Vcc pins to the system
power supply. There will be no
operation if any pins are open.
Vss
Ground
Ground pin. Connect all Vss pins
to the system power supply (0 V).
There will be no operation if any
pins are open.
VccQ
Power supply
Power supply for I/O pins. Connect
all VccQ pins to the system power
supply. There will be no operation
if any pins are open.
VssQ
Ground
Ground pin. Connect all VssQ pins
to the system power supply (0 V).
There will be no operation if any
pins are open.
VccQ1
Power supply
Input/output power supply
(1.8/3.3 V) pin.
Power supply
VssQ1
Ground
Input/output power supply (0 V)
pin.
Vcc_PLL1
PLL1 power
supply
Power supply for the on-chip PLL1
oscillator. (1.5 V)
Vss_PLL1
PLL1 ground
Ground pin for the on-chip PLL1
oscillator.
Vcc_PLL2
PLL2 power
supply
Power supply for the on-chip PLL2
oscillator. (1.5 V)
Vss_PLL2
PLL2 ground
Ground pin for the on-chip PLL2
oscillator.
Clock
EXTAL
I
External clock
For connection to a crystal
resonator. An external clock signal
may also be input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com