Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7721 Datasheet(PDF) 80 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 80 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 76Page - Renesas Technology Corp SH7721 Datasheet HTML 77Page - Renesas Technology Corp SH7721 Datasheet HTML 78Page - Renesas Technology Corp SH7721 Datasheet HTML 79Page - Renesas Technology Corp SH7721 Datasheet HTML 80Page - Renesas Technology Corp SH7721 Datasheet HTML 81Page - Renesas Technology Corp SH7721 Datasheet HTML 82Page - Renesas Technology Corp SH7721 Datasheet HTML 83Page - Renesas Technology Corp SH7721 Datasheet HTML 84Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 1524 page
background image
Section 1
Overview
Rev. 3.00
Jan. 18, 2008
Page 18 of 1458
REJ09B0033-0300
Pin No.
(PLBG
0256
GA-A)
Pin No.
(PLBG
0256
KA-A)
Pin Name
Function
I/O
I/O
Buffer
Power
Supply
H1
J1
VccQ1
I/O power supply (1.8/3.3 V)
H2
H1
D23/PTA7
Data bus/general-purpose port
IO/IO
VccQ1
H3
F5
D22/PTA6
Data bus/general-purpose port
IO/IO
VccQ1
H4
G5
Vss
Power-supply (0 V)
H17
J18
Vcc
Power-supply (1.5 V)
H18
H17
SIM_RST/SCIF1_RxD/
SD_WP/PTV1
SIM reset/SCIF receive data/
SD write protect/
general-purpose port
O/I/I/IO
VccQ
H19
H21
SIM_D/SCIF1_TxD/
SD_CD/PTV2
SIM data/SCIF transmit data/
SD card detection/
general-purpose port
IO/O/I/
IO
VccQ
H20
K20
MMC_DAT/SIOF1_TxD/
SD_DAT0/TPU_TI3A/
PTU2
MMC data/SIOF transmit data/
SD data/TPU clock input/
general-purpose port
IO/O/
IO/I/IO
VccQ
J1
K1
VssQ1
I/O power supply (0V)
J2
J2
D20/PTA4
Data bus/general-purpose port
IO/IO
VccQ1
J3
K4
D21/PTA5
Data bus/general-purpose port
IO/IO
VccQ1
J4
H5
D19/PTA3
Data bus/general-purpose port
IO/IO
VccQ1
J17
K17
MMC_CMD/
SIOF1_RxD/SD_CMD/
TPU_TI2B/PTU1
MMC command/SIOF receive
data/SD command/TPU clock
input/general-purpose port
IO/I/IO/
I/IO
VccQ
J18
J17
SIOF1_MCLK/SD_DAT1/
TPU_TI3B/PTU3
SIOF master clock/SD data/
TPU clock input/general-purpose
port
I/IO/I/IO VccQ
J19
J21
SIOF1_SYNC/SD_DAT2/
PTU4
SIOF frame sync/
SD data/general-purpose port
IO/IO/IO VccQ
J20
L17
SCIF0_RTS/TPU_TO0/
PTT3
SCIF transmit request/TPU
compare-match output/
general-purpose port
O/O/IO
VccQ
K1
L1
VccQ1
I/O power supply (1.8/3.3 V)
K2
K2
D17/PTA1
Data bus/general-purpose port
IO/IO
VccQ1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com