Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7721 Datasheet(PDF) 76 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 76 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 72Page - Renesas Technology Corp SH7721 Datasheet HTML 73Page - Renesas Technology Corp SH7721 Datasheet HTML 74Page - Renesas Technology Corp SH7721 Datasheet HTML 75Page - Renesas Technology Corp SH7721 Datasheet HTML 76Page - Renesas Technology Corp SH7721 Datasheet HTML 77Page - Renesas Technology Corp SH7721 Datasheet HTML 78Page - Renesas Technology Corp SH7721 Datasheet HTML 79Page - Renesas Technology Corp SH7721 Datasheet HTML 80Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 1524 page
background image
Section 1
Overview
Rev. 3.00
Jan. 18, 2008
Page 14 of 1458
REJ09B0033-0300
Pin No.
(PLBG
0256
GA-A)
Pin No.
(PLBG
0256
KA-A)
Pin Name
Function
I/O
I/O
Buffer
Power
Supply
B6
C1
LCD_DATA15/PINT15/
PTD7
LCD data/port interrupt/
general-purpose port
O/I/IO
VccQ
B7
B3
LCD_DATA11/PTD3
LCD data/general-purpose port
O/IO
VccQ
B8
E7
LCD_DATA7/PTC7
LCD data/general-purpose port
O/IO
VccQ
B9
D9
LCD_DATA3/PTC3
LCD data/general-purpose port
O/IO
VccQ
B10
E10
LCD_FLM/PTE0
LCD line marker/general-purpose
port
O/IO
VccQ
B11
D11
LCD_M_DISP/PTE4
LCD current-alternating signal/
general-purpose port
O/IO
VccQ
B12
E14
SIOF0_MCLK/PTS3
SIOF master clock/general-
purpose port
I/IO
VccQ
B13
E16
USB2_pwr_en/PTH1
USB2 power-enable/
general-purpose port
O/IO
VccQ
B14
B16
DA1/PTF6
DAC analog output/general-
purpose port
O/I
VccQ
B15
B17
AN2/PTF3
ADC analog input/general-purpose
port
I/I
AVcc
B16
A17
USB2_M
USB D
− port 2
IO
AVcc_
USB
B17
A18
USB1_P
USB D
+ port 1
IO
AVcc_
USB
B18
A21
USB1_M
USB D
− port 1
IO
AVcc_
USB
B19
A20
AVcc_USB
USB power supply (3.3 V)
B20
E20
VccQ
I/O power supply (3.3 V)
C1
D2
Vcc_PLL1
PLL1 power supply (1.5 V)
C2
A1
MD1
Clock mode setting
I
VccQ
C3
B5
MD5
Endian setting
I
VccQ
C4
A3
EXTAL
External clock
I
VccQ
C5
B4
MD3
Bus width setting
I
VccQ
C6
B7
LCD_DATA12/PINT12/
PTD4
LCD data/port interrupt/
general-purpose port
O/I/IO
VccQ
C7
B8
LCD_DATA9/PTD1
LCD data/general-purpose port
O/IO
VccQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com