Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7721 Datasheet(PDF) 85 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 85 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 81Page - Renesas Technology Corp SH7721 Datasheet HTML 82Page - Renesas Technology Corp SH7721 Datasheet HTML 83Page - Renesas Technology Corp SH7721 Datasheet HTML 84Page - Renesas Technology Corp SH7721 Datasheet HTML 85Page - Renesas Technology Corp SH7721 Datasheet HTML 86Page - Renesas Technology Corp SH7721 Datasheet HTML 87Page - Renesas Technology Corp SH7721 Datasheet HTML 88Page - Renesas Technology Corp SH7721 Datasheet HTML 89Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 1524 page
background image
Section 1
Overview
Rev. 3.00
Jan. 18, 2008
Page 23 of 1458
REJ09B0033-0300
Pin No.
(PLBG
0256
GA-A)
Pin No.
(PLBG
0256
KA-A)
Pin Name
Function
I/O
I/O
Buffer
Power
Supply
W1
U2
A8
Address bus
O
VccQ1
W2
AA2
A2
Address bus
O
VccQ1
W3
AA1
A1
Address bus
O
VccQ1
W4
AA4
A0/PTR0
Address bus/general-purpose port O/IO
VccQ1
W5
AA5
D15
Data bus
IO
VccQ1
W6
V7
D10
Data bus
IO
VccQ1
W7
V8
D7
Data bus
IO
VccQ1
W8
V9
D3
Data bus
IO
VccQ1
W9
V10
CS6B/CE1B/PTM0
Chip select/chip select/general-
purpose port
O/O/IO
VccQ1
W10
U9
CS5A/CE2A
Chip select/chip select
O/O
VccQ1
W11
AA12
CS4
Chip select
O
VccQ1
W12
AA13
A18
Address bus
O
VccQ1
W13
AA14
A21/PTR3
Address bus/general-purpose port O/IO
VccQ1
W14
Y15
A25/PTR7
Address bus/general-purpose port O/IO
VccQ1
W15
Y16
TEND0/PINT2/PTM2
DMA transfer end/port interrupt/
general-purpose port
O/I/IO
VccQ1
W16
AA18
VccQ_RTC
RTC power supply (3.3 V)
W17
V16
TEND1/PINT3/PTM3
DMA transfer end/port interrupt/
general-purpose port
O/I/IO
VccQ1
W18
Y20
Vss_RTC
RTC power supply (0 V)
W19
Y21
PINT4/
PCC_VS1/PTK0
Port interrupt/PCC voltage
detection 1/general-purpose port
I/I/IO
VccQ
W20
U18
VccQ
I/O power supply (3.3 V)
Y1
Y1
VssQ1
I/O power supply (0 V)
Y2
V5
VccQ1
I/O power supply (1.8/3.3 V)
Y3
V6
D13
Data bus
IO
VccQ1
Y4
Y3
VssQ1
I/O power supply (0 V)
Y5
V4
VccQ1
I/O power supply (1.8/3.3 V)
Y6
U5
D5
Data bus
IO
VccQ1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com