Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7721 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 12Page - Renesas Technology Corp SH7721 Datasheet HTML 13Page - Renesas Technology Corp SH7721 Datasheet HTML 14Page - Renesas Technology Corp SH7721 Datasheet HTML 15Page - Renesas Technology Corp SH7721 Datasheet HTML 16Page - Renesas Technology Corp SH7721 Datasheet HTML 17Page - Renesas Technology Corp SH7721 Datasheet HTML 18Page - Renesas Technology Corp SH7721 Datasheet HTML 19Page - Renesas Technology Corp SH7721 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 1524 page
background image
Rev. 3.00 Jan. 18, 2008 Page xvi of lxii
9.4.5
Refresh Timer Control/Status Register (RTCSR)................................................. 328
9.4.6
Refresh Timer Counter (RTCNT)......................................................................... 329
9.4.7
Refresh Time Constant Register (RTCOR) .......................................................... 330
9.4.8
SDRAM Mode Registers 2, 3 (SDMR2 and SRMR3) ......................................... 330
9.5
Operation ........................................................................................................................... 331
9.5.1
Endian/Access Size and Data Alignment.............................................................. 331
9.5.2
Normal Space Interface ........................................................................................ 337
9.5.3
Access Wait Control ............................................................................................. 343
9.5.4
CSn Assert Period Expansion ............................................................................... 345
9.5.5
SDRAM Interface ................................................................................................. 346
9.5.6
Burst ROM (Clock Asynchronous) Interface ....................................................... 385
9.5.7
Byte-Selection SRAM Interface ........................................................................... 387
9.5.8
PCMCIA Interface................................................................................................ 392
9.5.9
Burst ROM (Clock Synchronous) Interface.......................................................... 400
9.5.10 Wait between Access Cycles ................................................................................ 401
9.5.11 Bus Arbitration ..................................................................................................... 401
9.6
Usage Notes ....................................................................................................................... 404
Section 10 Direct Memory Access Controller (DMAC) ..................................... 407
10.1
Features.............................................................................................................................. 407
10.2
Input/Output Pins ...............................................................................................................409
10.3
Register Descriptions ......................................................................................................... 410
10.3.1 DMA Source Address Registers (SAR_0 to SAR_5) ........................................... 411
10.3.2 DMA Destination Address Registers (DAR_0 to DAR_5) .................................. 412
10.3.3 DMA Transfer Count Registers (DMATCR_0 to DMATCR_5) ......................... 412
10.3.4 DMA Channel Control Registers (CHCR_0 to CHCR_5) ................................... 413
10.3.5 DMA Operation Register (DMAOR) ................................................................... 418
10.3.6 DMA Extended Resource Selectors 0 to 2 (DMARS0 to DMARS2)................... 420
10.4
Operation ........................................................................................................................... 424
10.4.1 DMA Transfer Flow ............................................................................................. 424
10.4.2 DMA Transfer Requests ....................................................................................... 426
10.4.3 Channel Priority.................................................................................................... 431
10.4.4 DMA Transfer Types............................................................................................ 434
10.4.5 Number of Bus Cycle States and DREQ Pin Sampling Timing ........................... 444
10.5
Usage Notes ....................................................................................................................... 448
10.5.1 Notes on DACK Pin Output ................................................................................. 448
10.5.2 Notes on the Cases When DACK is Divided........................................................ 448
10.5.3 Other Notes........................................................................................................... 452



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com