Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7721 Datasheet(PDF) 77 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 77 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 73Page - Renesas Technology Corp SH7721 Datasheet HTML 74Page - Renesas Technology Corp SH7721 Datasheet HTML 75Page - Renesas Technology Corp SH7721 Datasheet HTML 76Page - Renesas Technology Corp SH7721 Datasheet HTML 77Page - Renesas Technology Corp SH7721 Datasheet HTML 78Page - Renesas Technology Corp SH7721 Datasheet HTML 79Page - Renesas Technology Corp SH7721 Datasheet HTML 80Page - Renesas Technology Corp SH7721 Datasheet HTML 81Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 1524 page
background image
Section 1
Overview
Rev. 3.00
Jan. 18, 2008
Page 15 of 1458
REJ09B0033-0300
Pin No.
(PLBG
0256
GA-A)
Pin No.
(PLBG
0256
KA-A)
Pin Name
Function
I/O
I/O
Buffer
Power
Supply
C8
B9
LCD_DATA6/PTC6
LCD data/general-purpose port
O/IO
VccQ
C9
B10
LCD_DATA2/PTC2
LCD data/general-purpose port
O/IO
VccQ
C10
B11
LCD_DON/PTE1
LCD display on signal/
general-purpose port
O/IO
VccQ
C11
A12
SIOF0_SYNC/PTS4
SIOF frame sync/general-purpose
port
IO/IO
VccQ
C12
A13
SIOF0_TxD/PTS2
SIOF transmit data/general-
purpose port
O/IO
VccQ
C13
A14
SIOF0_SCK/PTS0
SIOF serial clock/general-purpose
port
IO/IO
VccQ
C14
E17
ADTRG/PTF0
ADC external trigger/general-
purpose port
I/I
VccQ
C15
D18
AN3/PTF4
ADC analog input/general-purpose
port
I/I
AVcc
C16
D16
USB2_P
USB D
+ port 2
IO
AVcc_
USB
C17
B19
AVcc
Analog power supply (3.3 V)
C18
E18
USB1d_TXDPLS/
AFE_SCLK/
IOIS16/
PCC_IOIS16/PTG4
D
+ transmit output/AFE shift
clock/16-bit IO/PCCI 6-bit
IO/general-purpose port
O/I/I/I/
IO
VccQ
C19
B20
USB1_ovr_current/
USBF_VBUS
USB1 overcurrent/monitor
I/I
VccQ
C20
E21
EXTAL_USB
USB external clock
I
VccQ
D1
F1
VssQ1
I/O power supply (0 V)
D2
D1
MD0
Clock mode setting
I
VccQ
D3
C2
D31/PTB7
Data bus/general-purpose port
IO/IO
VccQ1
D4
B6
STATUS0/PTH2
Status output/general-purpose
port
O/IO
VccQ
D5
A6
LCD_DATA14/PINT14/
PTD6
LCD data/port interrupt/
general-purpose port
O/I/IO
VccQ
D6
A7
LCD_DATA10/PTD2
LCD data/general-purpose port
O/IO
VccQ
D7
A8
LCD_DATA8/PTD0
LCD data/general-purpose port
O/IO
VccQ
D8
A9
LCD_DATA4/PTC4
LCD data/general-purpose port
O/IO
VccQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com