Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7721 Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 25Page - Renesas Technology Corp SH7721 Datasheet HTML 26Page - Renesas Technology Corp SH7721 Datasheet HTML 27Page - Renesas Technology Corp SH7721 Datasheet HTML 28Page - Renesas Technology Corp SH7721 Datasheet HTML 29Page - Renesas Technology Corp SH7721 Datasheet HTML 30Page - Renesas Technology Corp SH7721 Datasheet HTML 31Page - Renesas Technology Corp SH7721 Datasheet HTML 32Page - Renesas Technology Corp SH7721 Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 1524 page
background image
Rev. 3.00 Jan. 18, 2008 Page xxix of lxii
Section 31 MultiMediaCard Interface (MMCIF) ..............................................1027
31.1
Features............................................................................................................................ 1027
31.2
Input/Output Pins ............................................................................................................. 1029
31.3
Register Descriptions ....................................................................................................... 1030
31.3.1 Mode Register (MODER)................................................................................... 1031
31.3.2 Command Type Register (CMDTYR)................................................................ 1031
31.3.3 Response Type Register (RSPTYR) ................................................................... 1033
31.3.4 Transfer Byte Number Count Register (TBCR) ................................................. 1036
31.3.5 Transfer Block Number Counter (TBNCR)........................................................ 1037
31.3.6 Command Registers 0 to 5 (CMDR0 to CMDR5).............................................. 1037
31.3.7 Response Registers 0 to 16 and D (RSPR0 to RSPR16 and RSPRD) ................ 1038
31.3.8 Command Start Register (CMDSTRT)............................................................... 1040
31.3.9 Operation Control Register (OPCR) ................................................................... 1041
31.3.10 Command Timeout Control Register (CTOCR) ................................................. 1043
31.3.11 Data Timeout Register (DTOUTR) .................................................................... 1044
31.3.12 Card Status Register (CSTR) .............................................................................. 1045
31.3.13 Interrupt Control Registers 0 and 1 (INTCR0 and INTCR1).............................. 1047
31.3.14 Interrupt Status Registers 0 and 1 (INTSTR0 and INTSTR1) ............................ 1049
31.3.15 Transfer Clock Control Register (CLKON)........................................................ 1053
31.3.16 VDD/Open-Drain Control Register (VDCNT) ................................................... 1054
31.3.17 Data Register (DR) ............................................................................................. 1054
31.3.18 FIFO Pointer Clear Register (FIFOCLR) ........................................................... 1055
31.3.19 DMA Control Register (DMACR) ..................................................................... 1055
31.3.20 Interrupt Control Register 2 (INTCR2)............................................................... 1056
31.3.21 Interrupt Status Register 2 (INTSTR2) ............................................................... 1057
31.4
Operation ......................................................................................................................... 1058
31.4.1 Operations in MMC Mode.................................................................................. 1058
31.5
Operations Using DMAC................................................................................................. 1088
31.5.1 Operation of Read Sequence............................................................................... 1088
31.5.2 Operation of Write Sequence.............................................................................. 1098
31.6
MMCIF Interrupt Sources................................................................................................ 1108
Section 32 SSL Accelerator (SSL) ....................................................................1109
Section 33 User Break Controller (UBC) ..........................................................1111
33.1
Features............................................................................................................................ 1111
33.2
Register Descriptions ....................................................................................................... 1113
33.2.1 Break Address Register A (BARA) .................................................................... 1113
33.2.2 Break Address Mask Register A (BAMRA)....................................................... 1114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com