Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7721 Datasheet(PDF) 100 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 100 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 96Page - Renesas Technology Corp SH7721 Datasheet HTML 97Page - Renesas Technology Corp SH7721 Datasheet HTML 98Page - Renesas Technology Corp SH7721 Datasheet HTML 99Page - Renesas Technology Corp SH7721 Datasheet HTML 100Page - Renesas Technology Corp SH7721 Datasheet HTML 101Page - Renesas Technology Corp SH7721 Datasheet HTML 102Page - Renesas Technology Corp SH7721 Datasheet HTML 103Page - Renesas Technology Corp SH7721 Datasheet HTML 104Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 1524 page
background image
Section 2
CPU
Rev. 3.00 Jan. 18, 2008 Page 38 of 1458
REJ09B0033-0300
2.1.2
Processing Modes
This LSI supports two processing modes: user mode and privileged mode. These processing
modes can be determined by the processing mode bit (MD) in the status register (SR). If the MD
bit is cleared to 0, the user mode is selected. If the MD bit is set to 1, the privileged mode is
selected. The CPU enters the privileged mode by a transition to reset state or exception handling
state. In the privileged mode, any registers and resources in address spaces can be accessed.
Clearing the MD bit in the SR to 0 puts the CPU in the user mode. In the user mode, some of the
registers, including SR, and some of the address spaces cannot be accessed by the user program
and system control instructions cannot be executed. This function effectively protects the system
resources from the user program. To change the processing mode from user to privileged mode, a
transition to exception handling state is required.
Note:
To call a service routine used in privileged mode from user mode, the LSI supports an
unconditional trap instruction (TRAPA). When a transition from user mode to privileged
mode occurs, the contents of the SR and PC are saved. A program execution in user mode
can be resumed by restoring the contents of the SR and PC. To return from an exception
processing program, the LSI supports an RTE instruction.
(From any states)
Power-on reset
Manual reset
Reset state
Program execution state
Low-power
consumption state
Exception handling state
An exception
is accepted
Exception
handling
routine starts
Reset processing
routine starts
An exception
is accepted
Multiple
exceptions
SLEEP instruction
Figure 2.1
Processing State Transitions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com