Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7721 Datasheet(PDF) 104 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 104 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 100Page - Renesas Technology Corp SH7721 Datasheet HTML 101Page - Renesas Technology Corp SH7721 Datasheet HTML 102Page - Renesas Technology Corp SH7721 Datasheet HTML 103Page - Renesas Technology Corp SH7721 Datasheet HTML 104Page - Renesas Technology Corp SH7721 Datasheet HTML 105Page - Renesas Technology Corp SH7721 Datasheet HTML 106Page - Renesas Technology Corp SH7721 Datasheet HTML 107Page - Renesas Technology Corp SH7721 Datasheet HTML 108Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 1524 page
background image
Section 2
CPU
Rev. 3.00 Jan. 18, 2008 Page 42 of 1458
REJ09B0033-0300
2.3
Register Descriptions
This LSI provides thirty-three 32-bit registers: 24 general registers, five control registers, three
system registers, and one program counter.
(1) General Registers
This LSI incorporates 24 general registers: R0_BANK0 to R7_BANK0, R0_BANK1 to
R7_BANK1 and R8 to R15. R0 to R7 are banked. The process mode and the register bank (RB)
bit in the status register (SR) define which set of banked registers (R0_BANK0 to R7_BANK0 or
R0_BANK1 to R7_BANK1) are accessed as general registers.
(2) System Registers
This LSI incorporates the multiply and accumulate registers (MACH/MACL) and procedure
register (PR) as system registers. These registers can be accessed regardless of the processing
mode.
(3) Program Counter
The program counter stores the value obtained by adding 4 to the current instruction address.
(4) Control Registers
This LSI incorporates the status register (SR), global base register (GBR), save status register
(SSR), save program counter (SPC), and vector base register as control register. Only the GBR can
be accessed in user mode. Control registers other than the GBR can be accessed only in privileged
mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com