Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7721 Datasheet(PDF) 101 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 101 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 97Page - Renesas Technology Corp SH7721 Datasheet HTML 98Page - Renesas Technology Corp SH7721 Datasheet HTML 99Page - Renesas Technology Corp SH7721 Datasheet HTML 100Page - Renesas Technology Corp SH7721 Datasheet HTML 101Page - Renesas Technology Corp SH7721 Datasheet HTML 102Page - Renesas Technology Corp SH7721 Datasheet HTML 103Page - Renesas Technology Corp SH7721 Datasheet HTML 104Page - Renesas Technology Corp SH7721 Datasheet HTML 105Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 1524 page
background image
Section 2
CPU
Rev. 3.00 Jan. 18, 2008 Page 39 of 1458
REJ09B0033-0300
2.2
Memory Map
2.2.1
Virtual Address Space
The LSI supports 32-bit virtual addresses and accesses system resources using the 4-Gbytes of
virtual address space. User programs and data are accessed from the virtual address space. The
virtual address space is divided into several areas as shown in table 2.1.
(1)
P0/U0 Area
This area is called the P0 area when the CPU is in privileged mode and the U0 area when in user
mode. For the P0 and U0 areas, access using the cache is enabled. The P0 and U0 areas are
handled as address translatable areas.
If the cache is enabled, access to the P0 or U0 area is cached. If a P0 or U0 address is specified
while the address translation unit is enabled, the P0 or U0 address is translated into a physical
address based on translation information defined by the user.
If the CPU is in user mode, only the U0 area can be accessed. If P1, P2, P3, or P4 is accessed in
user mode, a transition to an address error exception occurs.
(2)
P1 Area
The P1 area is defined as a cacheable but non-address translatable area. Normally, programs
executed at high speed in privileged mode, such as exception processing handlers, which are at the
core of the operating system (OS), are assigned to the P1 area.
(3)
P2 Area
The P2 area is defined as a non-cacheable but non-address translatable area. A reset processing
program to be called from the reset state is described at the start address (H'A0000000) of the P2
area. Normally, programs such as system initialization routines and OS initiation programs are
assigned to the P2 area. To access a part of an on-chip I/O, its corresponding program should be
assigned to the P2 area.
(4)
P3 Area
The P3 area is defined as a cacheable and address translatable area. This area is used if an address
translation is required for a privileged program.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com