Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T89C51CC02CA-RATIM Datasheet(PDF) 113 Page - ATMEL Corporation

Part # T89C51CC02CA-RATIM
Description  Enhanced 8-bit Microcontroller with CAN Controller and Flash
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51CC02CA-RATIM Datasheet(HTML) 113 Page - ATMEL Corporation

Back Button T89C51CC02CA-RATIM Datasheet HTML 109Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 110Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 111Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 112Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 113Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 114Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 115Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 116Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 117Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 159 page
background image
113
AT/T89C51CC02
4126L–CAN–01/08
Table 91. CANSTMPH Register
CANSTMPH (S:AFh Read Only)
CAN Stamp Timer High
No default value after reset
Table 92. CANSTMPL Register
CANSTMPL (S:AEh Read Only)
CAN Stamp Timer Low
No default value after reset
Table 93. CANTTCH Register
CANTTCH (S:A5h Read Only)
CAN TTC Timer High
Reset Value = 0000 0000b
Table 94. CANTTCL Register
CANTTCL (S:A4h Read Only)
CAN TTC Timer Low
Reset Value = 0000 0000b
765
43210
TIMSTMP
15
TIMSTMP
14
TIMSTMP
13
TIMSTMP
12
TIMSTMP
11
TIMSTMP
10
TIMSTMP 9 TIMSTMP 8
Bit Number
Bit Mnemonic
Description
7 - 0
TIMSTMP15:8
High byte of Time Stamp
See Figure 44.
765
43210
TIMSTMP 7 TIMSTMP 6 TIMSTMP 5 TIMSTMP 4 TIMSTMP 3 TIMSTMP 2 TIMSTMP 1 TIMSTMP 0
Bit Number
Bit Mnemonic
Description
7 - 0
TIMSTMP7:0
Low byte of Time Stamp
See Figure 44.
765
43210
TIMTTC 15
TIMTTC 14
TIMTTC 13
TIMTTC 12
TIMTTC 11
TIMTTC 10
TIMTTC 9
TIMTTC 8
Bit Number
Bit Mnemonic
Description
7 - 0
TIMTTC15:8
High byte of TTC Timer
See Figure 44.
765
43210
TIMTTC 7
TIMTTC 6
TIMTTC 5
TIMTTC 4
TIMTTC 3
TIMTTC 2
TIMTTC 1
TIMTTC 0
Bit Number
Bit Mnemonic
Description
7 - 0
TIMTTC7:0
Low Byte of TTC Timer
See Figure 44.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com