Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T89C51CC02CA-RATIM Datasheet(PDF) 115 Page - ATMEL Corporation

Part # T89C51CC02CA-RATIM
Description  Enhanced 8-bit Microcontroller with CAN Controller and Flash
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51CC02CA-RATIM Datasheet(HTML) 115 Page - ATMEL Corporation

Back Button T89C51CC02CA-RATIM Datasheet HTML 111Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 112Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 113Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 114Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 115Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 116Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 117Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 118Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 119Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 159 page
background image
115
AT/T89C51CC02
4126L–CAN–01/08
Figure 46. PCA Timer/Counter
The CMOD register includes three additional bits associated with the PCA.
•
The CIDL bit which allows the PCA to stop during idle mode.
•
The ECF bit which when set causes an interrupt and the PCA overflow flag CF in
CCON register to be set when the PCA timer overflows.
The CCON register contains the run control bit for the PCA and the flags for the PCA
timer and each module.
•
The CR bit must be set to run the PCA. The PCA is shut off by clearing this bit.
•
The CF bit is set when the PCA counter overflows and an interrupt will be generated
if the ECF bit in CMOD register is set. The CF bit can only be cleared by software.
•
The CCF0:1 bits are the flags for the modules (CCF0 for module0...) and are set by
hardware when either a match or a capture occurs. These flags also can be cleared
by software.
CIDL
CPS1
CPS0
ECF
It
CH
CL
16-bit up counter
To PCA
modules
FPca/6
FPca/2
T0 OVF
P1.2
Idle
CMOD
0xD9
CF
CR
CCON
0xD8
CCF1
CCF0
overflow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com