Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T89C51CC02CA-RATIM Datasheet(PDF) 118 Page - ATMEL Corporation

Part # T89C51CC02CA-RATIM
Description  Enhanced 8-bit Microcontroller with CAN Controller and Flash
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51CC02CA-RATIM Datasheet(HTML) 118 Page - ATMEL Corporation

Back Button T89C51CC02CA-RATIM Datasheet HTML 114Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 115Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 116Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 117Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 118Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 119Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 120Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 121Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 122Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 159 page
background image
118
AT/T89C51CC02
4126L–CAN–01/08
16-bit Software Timer
Mode
The PCA modules can be used as software timers by setting both the ECOM and MAT
bits in the modules CCAPMn register. The PCA timer will be compared to the module’s
capture registers and when a match occurs an interrupt will occur if the CCFn (CCON
SFR) and the ECCFn (CCAPMn SFR) bits for the module are both set.
Figure 49. PCA 16-bit Software Timer and High Speed Output Mode
CCAPnL
(8 bits)
CCAPnH
(8 bits)
-
ECOMn0 0 MATn TOGn0 ECCFn
70
CCAPMn Register
(n = 0, 1)
CL
(8 bits)
16-bit Comparator
Match
Enable
CCFn
CCON reg
PCA
Interrupt
Request
CEXn
Compare/Capture Module
PCA Counter
“0”
“1”
Reset
Write to
CCAPnL
Write to CCAPnH
For software Timer mode, set ECOMn and MATn.
For high speed output mode, set ECOMn, MATn and TOGn.
Toggle
CH
(8 bits)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com