Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T89C51CC02CA-RATIM Datasheet(PDF) 114 Page - ATMEL Corporation

Part # T89C51CC02CA-RATIM
Description  Enhanced 8-bit Microcontroller with CAN Controller and Flash
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51CC02CA-RATIM Datasheet(HTML) 114 Page - ATMEL Corporation

Back Button T89C51CC02CA-RATIM Datasheet HTML 110Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 111Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 112Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 113Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 114Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 115Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 116Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 117Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 118Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 159 page
background image
114
AT/T89C51CC02
4126L–CAN–01/08
Programmable
Counter Array (PCA)
The PCA provides more timing capabilities with less CPU intervention than the standard
timer/counters. Its advantages include reduced software overhead and improved accu-
racy. The PCA consists of a dedicated timer/counter which serves as the time base for
an array of two compare/capture modules. Its clock input can be programmed to count
any of the following signals:
•
PCA clock frequency/6 (See “clock” section)
•
PCA clock frequency/2
•
Timer 0 overflow
•
External input on ECI (P1.2)
Each compare/capture modules can be programmed in any one of the following modes:
•
Rising and/or falling edge capture,
•
Software timer
•
High-speed output
•
Pulse width modulator
When the compare/capture modules are programmed in capture mode, software timer,
or high speed output mode, an interrupt can be generated when the module executes its
function. Both modules and the PCA timer overflow share one interrupt vector.
The PCA timer/counter and compare/capture modules share Port 1 for external I/Os.
These pins are listed below. If the pin is not used for the PCA, it can still be used for
standard I/O.
PCA Timer
The PCA timer is a common time base for both modules (See Figure 9). The timer count
source is determined from the CPS1 and CPS0 bits in the CMOD SFR (See Table 8)
and can be programmed to run at:
•
1/6 the PCA clock frequency.
•
1/2 the PCA clock frequency.
•
The Timer 0 overflow.
•
The input on the ECI pin (P1.2).
PCA Component
External I/O Pin
16-bit Counter
P1.2/ECI
16-bit Module 0
P1.3/CEX0
16-bit Module 1
P1.4/CEX1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com