Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T89C51CC02CA-RATIM Datasheet(PDF) 116 Page - ATMEL Corporation

Part # T89C51CC02CA-RATIM
Description  Enhanced 8-bit Microcontroller with CAN Controller and Flash
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51CC02CA-RATIM Datasheet(HTML) 116 Page - ATMEL Corporation

Back Button T89C51CC02CA-RATIM Datasheet HTML 112Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 113Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 114Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 115Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 116Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 117Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 118Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 119Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 120Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 159 page
background image
116
AT/T89C51CC02
4126L–CAN–01/08
PCA Modules
Each one of the two compare/capture modules has six possible functions. It can
perform:
•
16-bit Capture, positive-edge triggered
•
16-bit Capture, negative-edge triggered
•
16-bit Capture, both positive and negative-edge triggered
•
16-bit Software Timer
•
16-bit High Speed Output
•
8-bit Pulse Width Modulator.
Each module in the PCA has a special function register associated with it (CCAPM0 for
module 0 ...). The CCAPM0:1 registers contain the bits that control the mode that each
module will operate in.
•
The ECCF bit enables the CCF flag in the CCON register to generate an interrupt
when a match or compare occurs in the associated module.
•
The PWM bit enables the pulse width modulation mode.
•
The TOG bit when set causes the CEX output associated with the module to toggle
when there is a match between the PCA counter and the module’s capture/compare
register.
•
The match bit MAT when set will cause the CCFn bit in the CCON register to be set
when there is a match between the PCA counter and the module’s capture/compare
register.
•
The two bits CAPN and CAPP in CCAPMn register determine the edge that a
capture input will be active on. The CAPN bit enables the negative edge, and the
CAPP bit enables the positive edge. If both bits are set both edges will be enabled.
•
The bit ECOM in CCAPM register when set enables the comparator function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com