Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9202 Datasheet(PDF) 64 Page - STMicroelectronics

Part # 9202
Description  Flash Programmable System Devices with 8032 Microcontroller Core
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

9202 Datasheet(HTML) 64 Page - STMicroelectronics

Back Button 9202 Datasheet HTML 60Page - STMicroelectronics 9202 Datasheet HTML 61Page - STMicroelectronics 9202 Datasheet HTML 62Page - STMicroelectronics 9202 Datasheet HTML 63Page - STMicroelectronics 9202 Datasheet HTML 64Page - STMicroelectronics 9202 Datasheet HTML 65Page - STMicroelectronics 9202 Datasheet HTML 66Page - STMicroelectronics 9202 Datasheet HTML 67Page - STMicroelectronics 9202 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 175 page
background image
UPSD3254A, UPSD3254BV, UPSD3253B, UPSD3253BV
64/175
The timer can be configured for either “timer” or
“counter” operation. In the most typical applica-
tions, it is configured for “timer” operation (C/T2 =
0). “Timer” operation is a little different for Timer 2
when it’s being used as a baud rate generator.
Normally, as a timer it would increment every ma-
chine cycle (thus at the 1/6 the CPU clock frequen-
cy). In the case, the baud rate is given by the
formula:
Mode 1,3 Baud Rate =
fOSC / (32 x [65536 – (RCAP2H, RCAP2L)]
where (RCAP2H, RCAP2L) is the content of
RC2H and RC2L taken as a 16-bit unsigned inte-
ger.
Timer 2 also be used as the Baud Rate Generating
Mode. This mode is valid only if RCLK + TCLK = 1
in T2CON or in PCON.
Note: A roll-over in TH2 does not set TF2, and will
not generate an interrupt. Therefore, the Timer In-
terrupt does not have to be disabled when Timer 2
is in the Baud Rate Generator Mode.
Note: If EXEN2 is set, a 1-to-0 transition in T2EX
will set EXF2 but will not cause a reload from
(RCAP2H, RCAP2L) to (TH2, TL2). Thus when
Timer 2 is in use as a baud rate generator, T2EX
can be used as an extra external interrupt, if de-
sired.
It should be noted that when Timer 2 is running
(TR2 = 1) in “timer” function in the Baud Rate Gen-
erator Mode, one should not try to READ or
WRITE TH2 or TL2. Under these conditions the
timer is being incremented every state time, and
the results of a READ or WRITE may not be accu-
rate. The RC registers may be read, but should not
be written to, because a WRITE might overlap a
reload and cause WRITE and/or reload errors.
Turn the timer off (clear TR2) before accessing the
Timer 2 or RC registers, in this case.
More About Mode 0. Serial data enters and exits
through RxD. TxD outputs the shift clock. 8 bits are
transmitted/received: 8 data bits (LSB first). The
baud rate is fixed at 1/12 the fOSC.
Figure 27, page 66 shows a simplified functional
diagram of the serial port in Mode 0, and associat-
ed timing.
Transmission is initiated by any instruction that
uses SBUF as a destination register. The “WRITE
to SBUF” signal at S6P2 also loads a '1' into the
9th position of the transmit shift register and tells
the TX Control block to commence a transmission.
The internal timing is such that one full machine
cycle will elapse between “WRITE to SBUF” and
activation of SEND.
SEND enables the output of the shift register to the
alternate out-put function line of RxD and also en-
able SHIFT CLOCK to the alternate output func-
tion line of TxD. SHIFT CLOCK is low during S3,
S4, and S5 of every machine cycle, and high dur-
ing S6, S1, and S2. At S6P2 of every machine cy-
cle in which SEND is active, the contents of the
transmit shift are shifted to the right one position.
As data bits shift out to the right, zeros come in
from the left. When the MSB of the data byte is at
the output position of the shift register, then the '1'
that was initially loaded into the 9th position, is just
to the left of the MSB, and all positions to the left
of that contain zeros. This condition flags the TX
Control block to do one last shift and then deacti-
vate SEND and set T1. Both of these actions occur
at S1P1. Both of these actions occur at S1P1 of
the 10th machine cycle after “WRITE to SBUF.”
Reception is initiated by the condition REN = 1 and
R1 = 0. At S6P2 of the next machine cycle, the RX
Control unit writes the bits 11111110 to the receive
shift register, and in the next clock phase activates
RECEIVE.
RECEIVE enables SHIFT CLOCK to the alternate
output function line of TxD. SHIFT CLOCK makes
transitions at S3P1 and S6P1 of every machine
cycle in which RECEIVE is active, the contents of
the receive shift register are shifted to the left one
position. The value that comes in from the right is
the value that was sampled at the RxD pin at S5P2
of the same machine cycle.
As data bits come in from the right, '1s' shift out to
the left. When the '0' that was initially loaded into
the right-most position arrives at the left-most po-
sition in the shift register, it flags the RX Control
block to do one last shift and load SBUF. At S1P1
of the 10th machine cycle after the WRITE to
SCON that cleared RI, RECEIVE is cleared as RI
is set.
More About Mode 1. Ten bits are transmitted
(through TxD), or received (through RxD): a start
Bit (0), 8 data bits (LSB first). and a Stop Bit (1). On
receive, the Stop Bit goes into RB8 in SCON. In
the uPSD325X devices the baud rate is deter-
mined by the Timer 1 or Timer 2 over-flow rate.
Figure 29 shows a simplified functional diagram of
the serial port in Mode 1, and associated timings
for transmit receive.
Transmission is initiated by any instruction that
uses SBUF as a destination register. The “WRITE
to SBUF” signal also loads a '1' into the 9th bit po-
sition of the transmit shift register and flags the TX
Control unit that a transmission is requested.
Transmission actually commences at S1P1 of the
machine cycle following the next rollover in the di-
vide-by-16 counter. (Thus, the bit times are syn-
chronized to the divide-by-16 counter, not to the
“WRITE to SBUF” signal.)
The transmission begins with activation of SEND
which puts the start bit at TxD. One bit time later,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com