Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9202 Datasheet(PDF) 20 Page - STMicroelectronics

Part # 9202
Description  Flash Programmable System Devices with 8032 Microcontroller Core
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

9202 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button 9202 Datasheet HTML 16Page - STMicroelectronics 9202 Datasheet HTML 17Page - STMicroelectronics 9202 Datasheet HTML 18Page - STMicroelectronics 9202 Datasheet HTML 19Page - STMicroelectronics 9202 Datasheet HTML 20Page - STMicroelectronics 9202 Datasheet HTML 21Page - STMicroelectronics 9202 Datasheet HTML 22Page - STMicroelectronics 9202 Datasheet HTML 23Page - STMicroelectronics 9202 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 175 page
background image
UPSD3254A, UPSD3254BV, UPSD3253B, UPSD3253BV
20/175
Figure 9. PSW (Program Status Word) Register
Program Memory
The program memory consists of two Flash mem-
ory: 128 KByte (or 256 KByte) Main Flash and 32
KByte of Secondary Flash. The Flash memory can
be mapped to any address space as defined by
the user in the PSDsoft Tool. It can also be
mapped to Data memory space during Flash
memory update or programming.
After reset, the CPU begins execution from loca-
tion 0000h. As shown in Figure 10, each interrupt
is assigned a fixed location in Program Memory.
The interrupt causes the CPU to jump to that loca-
tion, where it commences execution of the service
routine. External Interrupt 0, for example, is as-
signed to location 0003h. If External Interrupt 0 is
going to be used, its service routine must begin at
location 0003h. If the interrupt is not going to be
used, its service location is available as general
purpose Program Memory.
The interrupt service locations are spaced at 8-
byte intervals: 0003h for External Interrupt 0,
000Bh for Timer 0, 0013h for External Interrupt 1,
001Bh for Timer 1 and so forth. If an interrupt ser-
vice routine is short enough (as is often the case
in control applications), it can reside entirely within
that 8-byte interval. Longer service routines can
use a jump instruction to skip over subsequent in-
terrupt locations, if other interrupts are in use.
Data memory
The internal data memory is divided into four phys-
ically separated blocks: 256 bytes of internal RAM,
128 bytes of Special Function Registers (SFRs)
areas, 256 bytes of external RAM (XRAM-DDC)
and 32K bytes (XRAM-PSD) in the PSD Module.
RAM
Four register banks, each 8 registers wide, occupy
locations 0 through 31 in the lower RAM area.
Only one of these banks may be enabled at a time.
The next 16 bytes, locations 32 through 47, con-
tain 128 directly addressable bit locations. The
stack depth is only limited by the available internal
RAM space of 256 bytes.
Figure 10. Interrupt Location of Program
Memory
XRAM-DDC
The 256 bytes of XRAM-DDC used to support
DDC interface is also available for system usage
by indirect addressing through the address pointer
DDCADR and data I/O buffer RAMBUF. The ad-
dress pointer (DDCADR) is equipped with the post
increment capability to facilitate the transfer of
data in bulk (for details refer to DDC Interface
part). However, it is also possible to address the
RAM through MOVX command as normally used
in the internal RAM extension of 80C51 deriva-
tives. XRAM-DDC FF00 to FFFF is directly ad-
dressable as external data memory locations
FF00 to FFFF via MOVX-DPTR instruction or via
MOVX-Ri instruction. When XRAM-DDC is dis-
abled, the address space FF00 to FFFF can be as-
signed to other resources.
XRAM-PSD
The 32K bytes of XRAM-PSD resides in the PSD
Module and can be mapped to any address space
through the DPLD (Decoding PLD) as defined by
the user in PSDsoft Development tool. The XRAM-
PSD has a battery backup feature that allow the
data to be retained in the event of a power lost.
The battery is connected to the Port C PC2 pin.
This pin must be configured in PSDSoft to be bat-
tery back-up.
AI06639
CY
Reset Value 00h
Parity Flag
Bit not assigned
Overflow Flag
Register Bank Select Flags
(to select Bank0-3)
Carry Flag
Auxillary Carry Flag
General Purpose Flag
AC FO RS1 RS0 OV
P
MSB
LSB
PSW
AI06640
0000h
Reset
8 Bytes
•
•
•
•
•
Interrupt
Location
0003h
000Bh
0013h
008Bh
•
•
•
•



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com