Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9202 Datasheet(PDF) 55 Page - STMicroelectronics

Part # 9202
Description  Flash Programmable System Devices with 8032 Microcontroller Core
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

9202 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button 9202 Datasheet HTML 51Page - STMicroelectronics 9202 Datasheet HTML 52Page - STMicroelectronics 9202 Datasheet HTML 53Page - STMicroelectronics 9202 Datasheet HTML 54Page - STMicroelectronics 9202 Datasheet HTML 55Page - STMicroelectronics 9202 Datasheet HTML 56Page - STMicroelectronics 9202 Datasheet HTML 57Page - STMicroelectronics 9202 Datasheet HTML 58Page - STMicroelectronics 9202 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 175 page
background image
55/175
UPSD3254A, UPSD3254BV, UPSD3253B, UPSD3253BV
Mode 0. Putting either Timer into Mode 0 makes
it look like an 8048 Timer, which is an 8-bit Counter
with a divide-by-32 prescaler. Figure 22 shows the
Mode 0 operation as it applies to Timer 1.
In this mode, the Timer register is configured as a
13-bit register. As the count rolls over from all '1s'
to all '0s,' it sets the Timer Interrupt Flag TF1. The
counted input is enabled to the Timer when TR1 =
1 and either GATE = 0 or /INT1 = 1. (Setting GATE
= 1 allows the Timer to be controlled by external in-
put /INT1, to facilitate pulse width measurements).
TR1 is a control bit in the Special Function Regis-
ter TCON (TCON Control Register). GATE is in
TMOD.
The 13-bit register consists of all 8 bits of TH1 and
the lower 5 bits of TL1. The upper 3 bits of TL1 are
indeterminate and should be ignored. Setting the
run flag does not clear the registers.
Mode 0 operation is the same for the Timer 0 as
for Timer 1. Substitute TR0, TF0, and /INT0 for the
corresponding Timer 1 signals in Figure 22. There
are two different GATE Bits, one for Timer 1 and
one for Timer0.
Mode 1. Mode 1 is the same as Mode 0, except
that the Timer register is being run with all 16 bits.
Table 38. TMOD Register (TMOD)
Table 39. Description of the TMOD Bits
76
543210
Gate
C/T
M1
M0
Gate
C/T
M1
M0
Bit
Symbol
Timer
Function
7Gate
Timer1
Gating control when set. Timer/Counter 1 is enabled only while INT1 pin is High and
TR1 control pin is set. When cleared, Timer 1 is enabled whenever TR1 control bit is set
6C/T
Timer or Counter selector, cleared for timer operation (input from internal system clock);
set for counter operation (input from T1 input pin)
5
M1
(M1,M0)=(0,0): 13-bit Timer/Counter, TH1, with TL1 as 5-bit prescaler
(M1,M0)=(0,1): 16-bit Timer/Counter. TH1 and TL1 are cascaded. There is no prescaler.
(M1,M0)=(1,0): 8-bit auto-reload Timer/Counter. TH1 holds a value which is to be
reloaded into TL1 each time it overflows
(M1,M0)=(1,1): Timer/Counter 1 stopped
4M0
3Gate
Timer0
Gating control when set. Timer/Counter 0 is enabled only while INT0 pin is High and
TR0 control pin is set. When cleared, Timer 0 is enabled whenever TR0 control bit is set
2C/T
Timer or Counter selector, cleared for timer operation (input from internal system clock);
set for counter operation (input from T0 input pin)
1
M1
(M1,M0)=(0,0): 13-bit Timer/Counter, TH0, with TL0 as 5-bit prescaler
(M1,M0)=(0,1): 16-bit Timer/Counter. TH0 and TL0 are cascaded. There is no prescaler.
(M1,M0)=(1,0): 8-bit auto-reload Timer/Counter. TH0 holds a value which is to be
reloaded into TL0 each time it overflows
(M1,M0)=(1,1): TL0 is an 8-bit Timer/Counter controlled by the standard TImer 0 control
bits. TH0 is an 8-bit timer only controlled by Timer 1 control bits
0M0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com