Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9202 Datasheet(PDF) 28 Page - STMicroelectronics

Part # 9202
Description  Flash Programmable System Devices with 8032 Microcontroller Core
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

9202 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button 9202 Datasheet HTML 24Page - STMicroelectronics 9202 Datasheet HTML 25Page - STMicroelectronics 9202 Datasheet HTML 26Page - STMicroelectronics 9202 Datasheet HTML 27Page - STMicroelectronics 9202 Datasheet HTML 28Page - STMicroelectronics 9202 Datasheet HTML 29Page - STMicroelectronics 9202 Datasheet HTML 30Page - STMicroelectronics 9202 Datasheet HTML 31Page - STMicroelectronics 9202 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 175 page
background image
UPSD3254A, UPSD3254BV, UPSD3253B, UPSD3253BV
28/175
Boolean Instructions
The uPSD325X devices contain a complete Bool-
ean (single-bit) processor. One page of the inter-
nal RAM contains 128 address-able bits, and the
SFR space can support up to 128 addressable bits
as well. All of the port lines are bit-addressable,
and each one can be treated as a separate single-
bit port. The instructions that access these bits are
not just conditional branches, but a complete
menu of move, set, clear, complement, OR and
AND instructions. These kinds of bit operations
are not easily obtained in other architectures with
any amount of byte-oriented software.
The instruction set for the Boolean processor is
shown in Table 12. All bits accesses are by direct
addressing.
Bit addresses 00h through 7Fh are in the Lower
128, and bit ad-dresses 80h through FFh are in
SFR space.
Note how easily an internal flag can be moved to
a port pin:
MOV C,FLAG
MOV P1.0,C
In this example, FLAG is the name of any addres-
sable bit in the Lower 128 or SFR space. An I/O
line (the LSB of Port 1, in this case) is set or
cleared depending on whether the Flag Bit is '1' or
'0.'
The Carry Bit in the PSW is used as the single-bit
Accumulator of the Boolean processor. Bit instruc-
tions that refer to the Carry Bit as C assemble as
Carry-specific instructions (CLR C, etc.). The Car-
ry Bit also has a direct address, since it resides in
the PSW register, which is bit-addressable.
Note: The Boolean instruction set includes ANL
and ORL operations, but not the XRL (Exclusive
OR) operation. An XRL operation is simple to im-
plement in software. Suppose, for example, it is re-
quired to form the Exclusive OR of two bits:
C = bit 1 .XRL. bit2
The software to do that could be as follows:
MOV C , bit1
JNB bit2, OVER
CPL C
OVER: (continue)
First, Bit 1 is moved to the Carry. If bit2 = 0, then
C now contains the correct result. That is, Bit 1
.XRL. bit2 = bit1 if bit2 = 0. On the other hand, if
bit2 = 1, C now contains the complement of the
correct result. It need only be inverted (CPL C) to
complete the operation.
This code uses the JNB instruction, one of a series
of bit-test instructions which execute a jump if the
addressed bit is set (JC, JB, JBC) or if the ad-
dressed bit is not set (JNC, JNB). In the above
case, Bit 2 is being tested, and if bit2 = 0, the CPL
C instruction is jumped over.
JBC executes the jump if the addressed bit is set,
and also clears the bit. Thus a flag can be tested
and cleared in one operation. All the PSW bits are
directly addressable, so the Parity Bit, or the gen-
eral-purpose flags, for example, are also available
to the bit-test instructions.
Table 12. Boolean Instructions
Relative Offset
The destination address for these jumps is speci-
fied to the assembler by a label or by an actual ad-
dress
in
Program
memory.
How-ever,
the
destination address assembles to a relative offset
byte. This is a signed (two’s complement) offset
byte which is added to the PC in two’s complement
arithmetic if the jump is executed.
The range of the jump is therefore -128 to +127
Program Memory bytes relative to the first byte fol-
lowing the instruction.
Mnemonic
Operation
ANL C,bit
C = A .AND. bit
ANL C,/bit
C = C .AND. .NOT. bit
ORL C,bit
C = A .OR. bit
ORL C,/bit
C = C .OR. .NOT. bit
MOV C,bit
C = bit
MOV bit,C
bit = C
CLR C
C = 0
CLR bit
bit = 0
SETB C
C = 1
SETB bit
bit = 1
CPL C
C = .NOT. C
CPL bit
bit = .NOT. bit
JC rel
Jump if C =1
JNC rel
Jump if C = 0
JB bit,rel
Jump if bit =1
JNB bit,rel
Jump if bit = 0
JBC bit,rel
Jump if bit = 1; CLR bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com