Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9202 Datasheet(PDF) 98 Page - STMicroelectronics

Part # 9202
Description  Flash Programmable System Devices with 8032 Microcontroller Core
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

9202 Datasheet(HTML) 98 Page - STMicroelectronics

Back Button 9202 Datasheet HTML 94Page - STMicroelectronics 9202 Datasheet HTML 95Page - STMicroelectronics 9202 Datasheet HTML 96Page - STMicroelectronics 9202 Datasheet HTML 97Page - STMicroelectronics 9202 Datasheet HTML 98Page - STMicroelectronics 9202 Datasheet HTML 99Page - STMicroelectronics 9202 Datasheet HTML 100Page - STMicroelectronics 9202 Datasheet HTML 101Page - STMicroelectronics 9202 Datasheet HTML 102Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 175 page
background image
UPSD3254A, UPSD3254BV, UPSD3253B, UPSD3253BV
98/175
External USB Pull-Up Resistor
The USB system specifies a pull-up resistor on the
D- pin for low-speed peripherals. The USB
Spec 1.1 describes a 1.5k
Ω pull-up resistor to a
3.3V supply. An approved alternative method is a
7.5k
Ω pull-up to the USB VCC supply. This alterna-
tive is defined for low-speed devices with an inte-
grated cable. The chip is specified for the 7.5k
Ω
pull-up. This eliminates the need for an external
3.3V regulator, or for a pin dedicated to providing
a 3.3V output from the chip.
Figure 46. USB Data Signal Timing and Voltage Levels
Figure 47. Receiver Jitter Tolerance
AI06631
VCR
D-
D+
tR
tF
10%
90%
90%
10%
VOH
VOL
AI06632
TJR
TJR1
TJR2
Consecutive
Transitions
N*TPERIOD+TJR1
TPERIOD
Paired
Transitions
N*TPERIOD+TJR2
Differential
Data Lines



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com