Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9202 Datasheet(PDF) 7 Page - STMicroelectronics

Part # 9202
Description  Flash Programmable System Devices with 8032 Microcontroller Core
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

9202 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button 9202 Datasheet HTML 3Page - STMicroelectronics 9202 Datasheet HTML 4Page - STMicroelectronics 9202 Datasheet HTML 5Page - STMicroelectronics 9202 Datasheet HTML 6Page - STMicroelectronics 9202 Datasheet HTML 7Page - STMicroelectronics 9202 Datasheet HTML 8Page - STMicroelectronics 9202 Datasheet HTML 9Page - STMicroelectronics 9202 Datasheet HTML 10Page - STMicroelectronics 9202 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 175 page
background image
7/175
UPSD3254A, UPSD3254BV, UPSD3253B, UPSD3253BV
Description of the UCON0 Bits (Table 70.) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 92
USB Endpoint1 (and 2) Transmit Control Register (UCON1: 0EBh) (Table 71.). . . . . . . . . . . . . . . 93
Description of the UCON1 Bits (Table 72.) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 93
USB Control Register (UCON2: 0ECh) (Table 73.) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 94
Description of the UCON2 Bits (Table 74.) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 94
USB Endpoint0 Status Register (USTA: 0EDh) (Table 75.) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 94
Description of the USTA Bits (Table 76.). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .94
USB Endpoint0 Data Receive Register (UDR0: 0EFh) (Table 77.) . . . . . . . . . . . . . . . . . . . . . . . . . 94
USB Endpoint0 Data Transmit Register (UDT0: 0E7h) (Table 78.) . . . . . . . . . . . . . . . . . . . . . . . . 94
USB Endpoint1 Data Transmit Register (UDT1: 0E6h) (Table 79.) . . . . . . . . . . . . . . . . . . . . . . . . 94
USB SFR Memory Map (Table 80.). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 95
Transceiver . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 96
Low Speed Driver Signal Waveforms (Figure 44.) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 96
Receiver Characteristics. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 97
Differential Input Sensitivity Over Entire Common Mode Range (Figure 45.) . . . . . . . . . . . . . . . . . 97
External USB Pull-Up Resistor. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 98
USB Data Signal Timing and Voltage Levels (Figure 46.). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 98
Receiver Jitter Tolerance (Figure 47.) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 98
Differential to EOP Transition Skew and EOP Width (Figure 48.) . . . . . . . . . . . . . . . . . . . . . . . . . . 99
Differential Data Jitter (Figure 49.) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 99
Transceiver DC Characteristics (Table 81.) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100
Transceiver AC Characteristics (Table 82.). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 0
PSD MODULE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 101
Functional Overview . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 101
PSD MODULE Block Diagram (Figure 50.) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 102
In-System Programming (ISP) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 103
Methods of Programming Different Functional Blocks of the PSD MODULE (Table 83.) . . . . . . . 103
DEVELOPMENT SYSTEM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 104
PSDsoft Express Development Tool (Figure 51.) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 104
PSD MODULE REGISTER DESCRIPTION AND ADDRESS OFFSET . . . . . . . . . . . . . . . . . . . . . . . 105
Register Address Offset (Table 84.) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 105
PSD MODULE DETAILED OPERATION . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 106
MEMORY BLOCKS. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 106
Primary Flash Memory and Secondary Flash memory Description . . . . . . . . . . . . . . . . . . . . 106
Memory Block Select Signals. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 106
Instructions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 107
Instructions (Table 85.) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 108
Power-down Instruction and Power-up Mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com