Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9202 Datasheet(PDF) 59 Page - STMicroelectronics

Part # 9202
Description  Flash Programmable System Devices with 8032 Microcontroller Core
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

9202 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button 9202 Datasheet HTML 55Page - STMicroelectronics 9202 Datasheet HTML 56Page - STMicroelectronics 9202 Datasheet HTML 57Page - STMicroelectronics 9202 Datasheet HTML 58Page - STMicroelectronics 9202 Datasheet HTML 59Page - STMicroelectronics 9202 Datasheet HTML 60Page - STMicroelectronics 9202 Datasheet HTML 61Page - STMicroelectronics 9202 Datasheet HTML 62Page - STMicroelectronics 9202 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 175 page
background image
59/175
UPSD3254A, UPSD3254BV, UPSD3253B, UPSD3253BV
Table 42. Timer/Counter2 Operating Modes
Note:
↓ = falling edge
Figure 25. Timer 2 in Capture Mode
Mode
T2CON
T2MOD
DECN
T2CON
EXEN
P1.1
T2EX
Remarks
Input Clock
RxCLK
or
TxCLK
CP/
RL2
TR2
Internal
External
(P1.0/T2)
16-bit
Auto-
reload
0
0
1
0
0
x
reload upon overflow
fOSC/12
MAX
fOSC/24
00
1
0
1
↓
reload trigger (falling
edge)
0
0
1
1
x
0
Down counting
0
0
1
1
x
1
Up counting
16-bit
Capture
01
1
x
0
x
16-bit Timer/Counter
(only up counting)
fOSC/12
MAX
fOSC/24
01
1
x
1
↓
Capture (TH1,TL2)
→
(RCAP2H,RCAP2L)
Baud Rate
Generator
1x
1
x
0
x
No overflow interrupt
request (TF2)
fOSC/12
MAX
fOSC/24
1x
1
x
1
↓
Extra External Interrupt
(Timer 2)
Off
x
x
0
x
x
x
Timer 2 stops
—
—
AI06625
fOSC
TF2
Capture
TR2
T2 pin
Control
TL2
(8 bits)
TH2
(8 bits)
C/T2 = 0
C/T2 = 1
÷ 12
EXP2
Control
EXEN2
RCAP2L RCAP2H
T2EX pin
Timer 2
Interrupt
Transition
Detector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com