Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9202 Datasheet(PDF) 76 Page - STMicroelectronics

Part # 9202
Description  Flash Programmable System Devices with 8032 Microcontroller Core
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

9202 Datasheet(HTML) 76 Page - STMicroelectronics

Back Button 9202 Datasheet HTML 72Page - STMicroelectronics 9202 Datasheet HTML 73Page - STMicroelectronics 9202 Datasheet HTML 74Page - STMicroelectronics 9202 Datasheet HTML 75Page - STMicroelectronics 9202 Datasheet HTML 76Page - STMicroelectronics 9202 Datasheet HTML 77Page - STMicroelectronics 9202 Datasheet HTML 78Page - STMicroelectronics 9202 Datasheet HTML 79Page - STMicroelectronics 9202 Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 175 page
background image
UPSD3254A, UPSD3254BV, UPSD3253B, UPSD3253BV
76/175
Programmable Period 8-bit PWM
The PWM 4 channel can be programmed to pro-
vide a PWM output with variable pulse width and
period. The PWM 4 has a 16-bit Prescaler, an 8-
bit Counter, a Pulse Width Register, and a Period
Register. The Pulse Width Register defines the
PWM pulse width time, while the Period Register
defines the period of the PWM. The input clock to
the Prescaler is fOSC/2. The PWM 4 channel is as-
signed to Port 4.7.
Figure 37. Programmable PWM 4 Channel Block Diagram
AI07091
Port 4.7
16-bit Prescaler
Register
(B4h, B3h)
16-bit Prescaler
Counter
8-bit Counter
8-bit PWM4P
Register
(Period)
8-bit PWM4
Comparator
Register
8-bit PWM4
Comparator
PWM4
Control
Match
CPU RD/WR
Load
Load
Clock
Reset
PWMCON
Bit 6 (PWMP)
DATA BUS
CPU RD/WR
fOSC / 2
PWMCON
Bit 5 (PWME)
8
16
8
8
8
8
8-bit PWM4W
Register
(Width)
8-bit PWM4
Comparator
Register
8-bit PWM4
Comparator
8
88
8
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com