Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9202 Datasheet(PDF) 91 Page - STMicroelectronics

Part # 9202
Description  Flash Programmable System Devices with 8032 Microcontroller Core
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

9202 Datasheet(HTML) 91 Page - STMicroelectronics

Back Button 9202 Datasheet HTML 87Page - STMicroelectronics 9202 Datasheet HTML 88Page - STMicroelectronics 9202 Datasheet HTML 89Page - STMicroelectronics 9202 Datasheet HTML 90Page - STMicroelectronics 9202 Datasheet HTML 91Page - STMicroelectronics 9202 Datasheet HTML 92Page - STMicroelectronics 9202 Datasheet HTML 93Page - STMicroelectronics 9202 Datasheet HTML 94Page - STMicroelectronics 9202 Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 175 page
background image
91/175
UPSD3254A, UPSD3254BV, UPSD3253B, UPSD3253BV
Table 68. Description of the UISTA Bits
Bit
Symbol
R/W
Function
7
SUSPND
R/W
USB Suspend Mode Flag.
To save power, this bit should be set if a 3ms constant idle state is
detected on USB bus. Setting this bit stops the clock to the USB and
causes the USB module to enter Suspend Mode. Software must clear
this bit after the Resume flag (RESUMF) is set while this Resume
Interrupt Flag is serviced
6
—
—
Reserved
5RSTF
R
USB Reset Flag.
This bit is set when a valid RESET signal state is detected on the D+ and
D- lines. When the RSTE bit in the UIEN Register is set, this reset
detection will also generate an internal reset signal to reset the CPU and
other peripherals including the USB module.
4
TXD0F
R/W
Endpoint0 Data Transmit Flag.
This bit is set after the data stored in Endpoint 0 transmit buffers has
been sent and an ACK handshake packet from the host is received.
Once the next set of data is ready in the transmit buffers, software must
clear this flag. To enable the next data packet transmission, TX0E must
also be set. If TXD0F Bit is not cleared, a NAK handshake will be
returned in the next IN transactions. RESET clears this bit.
3
RXD0F
R/W
Endpoint0 Data Receive Flag.
This bit is set after the USB module has received a data packet and
responded with ACK handshake packet. Software must clear this flag
after all of the received data has been read. Software must also set
RX0E Bit to one to enable the next data packet reception. If RXD0F Bit is
not cleared, a NAK handshake will be returned in the next OUT
transaction. RESET clears this bit.
2
TXD1F
R/W
Endpoint1 / Endpoint2 Data Transmit Flag.
This bit is shared by Endpoints 1 and Endpoints 2. It is set after the data
stored in the shared Endpoint 1/ Endpoint 2 transmit buffer has been
sent and an ACK handshake packet from the host is received. Once the
next set of data is ready in the transmit buffers, software must clear this
flag. To enable the next data packet transmission, TX1E must also be
set. If TXD1F Bit is not cleared, a NAK handshake will be returned in the
next IN transaction. RESET clears this bit.
1
EOPF
R/W
End of Packet Flag.
This bit is set when a valid End of Packet sequence is detected on the
D+ and D-line. Software must clear this flag. RESET clears this bit.
0
RESUMF
R/W
Resume Flag.
This bit is set when USB bus activity is detected while the SUSPND Bit is
set.
Software must clear this flag. RESET clears this bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com