Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9202 Datasheet(PDF) 83 Page - STMicroelectronics

Part # 9202
Description  Flash Programmable System Devices with 8032 Microcontroller Core
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

9202 Datasheet(HTML) 83 Page - STMicroelectronics

Back Button 9202 Datasheet HTML 79Page - STMicroelectronics 9202 Datasheet HTML 80Page - STMicroelectronics 9202 Datasheet HTML 81Page - STMicroelectronics 9202 Datasheet HTML 82Page - STMicroelectronics 9202 Datasheet HTML 83Page - STMicroelectronics 9202 Datasheet HTML 84Page - STMicroelectronics 9202 Datasheet HTML 85Page - STMicroelectronics 9202 Datasheet HTML 86Page - STMicroelectronics 9202 Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 175 page
background image
83/175
UPSD3254A, UPSD3254BV, UPSD3253B, UPSD3253BV
Special Function Register for the DDC Interface
There are eight SFR in the DDC interface:
RAMBUF, DDCCON, DDCADR, DDCDAT are
DDC registers.
S1CON, S1STA, S1DAT, S1ADR are I2C Inter-
face registers, same as the ones described in the
standalone I2C bus.
DDCDAT Register. DDC1
DATA
register
for
transmission (DDCDAT: 0D5H)
s
8-bit READ and WRITE register.
s
Indicates DATA BYTE to be transmitted in
DDC1 protocol.
DDCADR Register. Address pointer for DDC in-
terface (DDCADR: 0D6H)
s
8-bit READ and WRITE register.
s
Address pointer with the capability of the post
increment. After each access to RAMBUF
register (either by software or by hardware
DDC1 interface), the content of this register will
be increased by one. It’s available both in
DDC1, DDC2 (DDC2B, DDC2B+, and
DDC2AB) and system operation.
Table 60. DDC SFR Memory Map
SFR
Addr
Reg
Name
Bit Register Name
Reset
Value
Comments
76
5
4
3
2
1
0
D4 RAMBUF
XX
DDC Ram
Buffer
D5
DDCDAT
00
DDC Data
xmit register
D6 DDCADR
00
Addr pointer
register
D7 DDCCON
—
EX_DAT SWENB DDC_AX DDCINT DDC1EN SWHINT
M0
00
DDC Control
Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com