Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9202 Datasheet(PDF) 40 Page - STMicroelectronics

Part # 9202
Description  Flash Programmable System Devices with 8032 Microcontroller Core
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

9202 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button 9202 Datasheet HTML 36Page - STMicroelectronics 9202 Datasheet HTML 37Page - STMicroelectronics 9202 Datasheet HTML 38Page - STMicroelectronics 9202 Datasheet HTML 39Page - STMicroelectronics 9202 Datasheet HTML 40Page - STMicroelectronics 9202 Datasheet HTML 41Page - STMicroelectronics 9202 Datasheet HTML 42Page - STMicroelectronics 9202 Datasheet HTML 43Page - STMicroelectronics 9202 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 175 page
background image
UPSD3254A, UPSD3254BV, UPSD3253B, UPSD3253BV
40/175
INTERRUPT SYSTEM
There are interrupt requests from 10 sources as
follows.
s
INT0 external interrupt
s
2nd USART interrupt
s
Timer 0 interrupt
s
I2C interrupt
s
INT1 external interrupt (or ADC interrupt)
s
DDC interrupt
s
Timer 1 interrupt
s
USB interrupt
s
USART interrupt
s
Timer 2 interrupt
External Int0
s
The INT0 can be either level-active or transition-
active depending on Bit IT0 in register TCON.
The flag that actually generates this interrupt is
Bit IE0 in TCON.
s
When an external interrupt is generated, the
corresponding request flag is cleared by the
hardware when the service routine is vectored
to only if the interrupt was transition activated.
s
If the interrupt was level activated then the
interrupt request flag remains set until the
requested interrupt is actually generated. Then
it has to deactivate the request before the
interrupt service routine is completed, or else
another interrupt will be generated.
Timer 0 and 1 Interrupts
s
Timer 0 and Timer 1 Interrupts are generated by
TF0 and TF1 which are set by an overflow of
their respective Timer/Counter registers (except
for Timer 0 in Mode 3).
s
These flags are cleared by the internal
hardware when the interrupt is serviced.
Timer 2 Interrupt
s
Timer 2 Interrupt is generated by TF2 which is
set by an overflow of Timer 2. This flag has to be
cleared by the software - not by hardware.
s
It is also generated by the T2EX signal (Timer 2
External Interrupt P1.1) which is controlled by
EXEN2 and EXF2 Bits in the T2CON register.
I2C Interrupt
s
The interrupt of the I2C is generated by Bit INTR
in the register S2STA.
s
This flag is cleared by hardware.
External Int1
s
The INT1 can be either level active or transition
active depending on Bit IT1 in register TCON.
The flag that actually generates this interrupt is
Bit IE1 in TCON.
s
When an external interrupt is generated, the
corresponding request flag is cleared by the
hardware when the service routine is vectored
to only if the interrupt was transition activated.
s
If the interrupt was level activated then the
interrupt request flag remains set until the
requested interrupt is actually generated. Then
it has to deactivate the request before the
interrupt service routine is completed, or else
another interrupt will be generated.
s
The ADC can take over the External INT1 to
generate an interrupt on conversion being
completed
DDC Interrupt
s
The DDC interrupt is generated either by Bit
INTR in the S1STA register for DC2B protocol
or by Bit DDC interrupt in the DDCCON register
for DDC1 protocol or by Bit SWHINT Bit in the
DDCCON register when DDC protocol is
changed from DDC1 to DDC2.
s
Flags except the INTR have to be cleared by the
software. INTR flag is cleared by hardware.
USB Interrupt
s
The USB interrupt is generated when endpoint0
has transmitted a packet or received a packet,
when endpoint1 or endpoint2 has transmitted a
packet, when the suspend or resume state is
detected and every EOP received.
s
When the USB interrupt is generated, the
corresponding request flag must be cleared by
software. The interrupt service routine will have
to check the various USB registers to determine
the source and clear the corresponding flag.
s
Please see the dedicated interrupt control
registers for the USB peripheral for more
information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com