Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9202 Datasheet(PDF) 96 Page - STMicroelectronics

Part # 9202
Description  Flash Programmable System Devices with 8032 Microcontroller Core
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

9202 Datasheet(HTML) 96 Page - STMicroelectronics

Back Button 9202 Datasheet HTML 92Page - STMicroelectronics 9202 Datasheet HTML 93Page - STMicroelectronics 9202 Datasheet HTML 94Page - STMicroelectronics 9202 Datasheet HTML 95Page - STMicroelectronics 9202 Datasheet HTML 96Page - STMicroelectronics 9202 Datasheet HTML 97Page - STMicroelectronics 9202 Datasheet HTML 98Page - STMicroelectronics 9202 Datasheet HTML 99Page - STMicroelectronics 9202 Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 175 page
background image
UPSD3254A, UPSD3254BV, UPSD3253B, UPSD3253BV
96/175
Transceiver
USB Physical Layer Characteristics. The
fol-
lowing section describes the uPSD325X devices
compliance to the Chapter 7 Electrical section of
the USB Specification, Revision 1.1. The section
contains all signaling, and physical layer specifica-
tions necessary to describe a low speed USB
function.
Low Speed Driver Characteristics. The
uPSD325X devices use a differential output driver
to drive the Low Speed USB data signal onto the
USB cable. The output swings between the differ-
ential high and low state are well balanced to min-
imize signal skew. The slew rate control on the
driver minimizes the radiated noise and cross talk
on the USB cable. The driver’s outputs support
three-state operation to achieve bi-directional half
duplex operation. The uPSD325X devices driver
tolerates a voltage on the signal pins of -0.5V to
3.6V with respect to local ground reference without
damage. The driver tolerates this voltage for
10.0µs while the driver is active and driving, and
tolerates this condition indefinitely when the driver
is in its high impedance state.
A low speed USB connection is made through an
unshielded, untwisted wire cable a maximum of 3
meters in length. The rise and fall time of the sig-
nals on this cable are well controlled to reduce RFI
emissions while limiting delays, signaling skews
and distortions. The uPSD325X devices driver
reaches the specified static signal levels with
smooth rise and fall times, resulting in segments
between low speed devices and the ports to which
they are connected.
Figure 44. Low Speed Driver Signal Waveforms
AI06629
Signal pins
pass output
spec levels
with minimal
reflections and
ringing
One Bit
Time
1.5 Mb/s
VSS
Driver
Signal Pins
VSE(min)
VSE(max)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com