Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9202 Datasheet(PDF) 100 Page - STMicroelectronics

Part # 9202
Description  Flash Programmable System Devices with 8032 Microcontroller Core
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

9202 Datasheet(HTML) 100 Page - STMicroelectronics

Back Button 9202 Datasheet HTML 96Page - STMicroelectronics 9202 Datasheet HTML 97Page - STMicroelectronics 9202 Datasheet HTML 98Page - STMicroelectronics 9202 Datasheet HTML 99Page - STMicroelectronics 9202 Datasheet HTML 100Page - STMicroelectronics 9202 Datasheet HTML 101Page - STMicroelectronics 9202 Datasheet HTML 102Page - STMicroelectronics 9202 Datasheet HTML 103Page - STMicroelectronics 9202 Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 175 page
background image
UPSD3254A, UPSD3254BV, UPSD3253B, UPSD3253BV
100/175
Table 81. Transceiver DC Characteristics
Note: 1. VCC = 5V ± 10%; VSS = 0V; TA = 0 to 70°C.
2. Level guaranteed for range of VCC = 4.5V to 5.5V.
3. With RPU, external idle resistor, 7.5
κ±2%, D- to VCC.
Table 82. Transceiver AC Characteristics
Note: 1. VCC = 5V ± 10%; VSS = 0V; TA = 0 to 70°C.
2. Level guaranteed for range of VCC = 4.5V to 5.5V.
3. With RPU, external idle resistor, 7.5
κ±2%, D- to VCC.
4. CL of 50pF(75ns) to 350pF (300ns).
5. Measured at crossover point of differential data signals.
6. USB specification indicates 330ns.
Symb
Parameter
Test Conditions(1)
Min
Max
Unit
VOH
Static Output High
15k
Ω ± 5% to GND(2,3)
2.8
3.6
V
VOL
Static Output Low
Notes 2, 3
—
0.3
V
VDI
Differential Input Sensitivity
|(D+) - (D-)|, Fig. 47
0.2
—
V
VCM
Differential Input Common Mode
Fig. 47
0.8
2.5
V
VSE
Single Ended Receiver Threshold
—
0.8
2.0
V
CIN
Transceiver Capacitance
—
—
20
pF
IIO
Data Line (D+, D-) Leakage
0V < (D+,D-) < 3.3
–10
10
µA
RPU
External Bus Pull-up Resistance, D-
7.5k
Ω ± 2% to VCC
7.35
7.65
k
Ω
RPD
External Bus Pull-down Resistance
15k
Ω ± 5%
14.25
15.75
k
Ω
Symb
Parameter
Test Conditions(1)
Min
Max
Unit
tDRATE
Low Speed Data Rate
Ave. bit rate (1.5Mb/s ± 1.5%)
1.4775
1.5225
Mbit/s
tDJR1
Receiver Data Jitter Tolerance
To next transition, Fig. 47(5)
–75
75
ns
tDJR2
Differential Input Sensitivity
For paired transition, Fig 47(5)
–45
45
ns
tDEOP
Differential to EOP Transition Skew
Fig. 48(5)
–40
100
ns
tEOPR1
EOP Width at Receiver
Rejects as EOP(5,6)
165
—
ns
tEOPR2
EOP Width at Receiver
Accepts as EOP(5)
675
—
ns
tEOPT
Source EOP Width
—
–1.25
1.50
µs
tUDJ1
Differential Driver Jitter
To next transition, Fig. 49
–95
95
ns
tUDJ2
Differential Driver Jitter
To paired transition, Fig. 49
–150
150
ns
tR
USB Data Transition Rise Time
Notes 2, 3, 4
75
300
ns
tF
USB Data Transition Fall Time
Notes 2, 3, 4
75
300
ns
tRFM
Rise/Fall Time Matching
tR / tF
80
120
%
VCRS
Output Signal Crossover Volt age
—
1.3
2.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com