Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9202 Datasheet(PDF) 6 Page - STMicroelectronics

Part # 9202
Description  Flash Programmable System Devices with 8032 Microcontroller Core
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

9202 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button 9202 Datasheet HTML 2Page - STMicroelectronics 9202 Datasheet HTML 3Page - STMicroelectronics 9202 Datasheet HTML 4Page - STMicroelectronics 9202 Datasheet HTML 5Page - STMicroelectronics 9202 Datasheet HTML 6Page - STMicroelectronics 9202 Datasheet HTML 7Page - STMicroelectronics 9202 Datasheet HTML 8Page - STMicroelectronics 9202 Datasheet HTML 9Page - STMicroelectronics 9202 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 175 page
background image
UPSD3254A, UPSD3254BV, UPSD3253B, UPSD3253BV
6/175
Programmable Period 8-bit PWM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 76
Programmable PWM 4 Channel Block Diagram (Figure 37.) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 76
PWM 4 Channel Operation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 77
PWM 4 With Programmable Pulse Width and Frequency (Figure 38.) . . . . . . . . . . . . . . . . . . . . . . 77
I2C INTERFACE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 78
Block Diagram of the I2C Bus Serial I/O (Figure 39.) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 78
Serial Control Register (SxCON: S1CON, S2CON) (Table 50.) . . . . . . . . . . . . . . . . . . . . . . . . . . . 79
Description of the SxCON Bits (Table 51.) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 79
Selection of the Serial Clock Frequency SCL in Master Mode (Table 52.) . . . . . . . . . . . . . . . . . . . 79
Serial Status Register (SxSTA: S1STA, S2STA) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 80
Data Shift Register (SxDAT: S1DAT, S2DAT) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 80
Serial Status Register (SxSTA) (Table 53.) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 80
Description of the SxSTA Bits (Table 54.) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .80
Data Shift Register (SxDAT: S1DAT, S2DAT) (Table 55.) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 80
Address Register (SxADR: S1ADR, S2ADR). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 81
Address Register (SxADR) (Table 56.) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 81
Start /Stop Hold Time Detection Register (S1SETUP, S2SETUP) (Table 57.) . . . . . . . . . . . . . . . . 81
System Cock of 40MHz (Table 58.). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .81
System Clock Setup Examples (Table 59.) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 81
DDC INTERFACE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 82
DDC Interface Block Diagram (Figure 40.) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 82
Special Function Register for the DDC Interface . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 83
DDC SFR Memory Map (Table 60.) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 83
Description of the DDCON Register Bits (Table 61.). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 84
SWNEB Bit Function (Table 62.) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 85
Host Type Detection . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 86
Host Type Detection (Figure 41.) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 86
DDC1 Protocol . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 87
Transmission Protocol in the DDC1 Interface (Figure 42.) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 87
DDC2B Protocol. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 88
Conceptual Structure of the DDC Interface (Figure 43.) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 88
USB HARDWARE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 89
USB related registers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 89
USB Address Register (UADR: 0EEh) (Table 63.) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 89
Description of the UADR Bits (Table 64.) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .89
USB Interrupt Enable Register (UIEN: 0E9h) (Table 65.) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 90
Description of the UIEN Bits (Table 66.) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 90
USB Interrupt Status Register (UISTA: 0E8h) (Table 67.) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 90
Description of the UISTA Bits (Table 68.) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .91
USB Endpoint0 Transmit Control Register (UCON0: 0EAh) (Table 69.) . . . . . . . . . . . . . . . . . . . . . 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com