Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9202 Datasheet(PDF) 84 Page - STMicroelectronics

Part # 9202
Description  Flash Programmable System Devices with 8032 Microcontroller Core
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

9202 Datasheet(HTML) 84 Page - STMicroelectronics

Back Button 9202 Datasheet HTML 80Page - STMicroelectronics 9202 Datasheet HTML 81Page - STMicroelectronics 9202 Datasheet HTML 82Page - STMicroelectronics 9202 Datasheet HTML 83Page - STMicroelectronics 9202 Datasheet HTML 84Page - STMicroelectronics 9202 Datasheet HTML 85Page - STMicroelectronics 9202 Datasheet HTML 86Page - STMicroelectronics 9202 Datasheet HTML 87Page - STMicroelectronics 9202 Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 175 page
background image
UPSD3254A, UPSD3254BV, UPSD3253B, UPSD3253BV
84/175
Table 61. Description of the DDCON Register Bits
Bit
Symbol
Function
7
—
Reserved
6
EX_DAT
0 = The SRAM has 128 bytes (Default)
1 = The SRAM has 256 bytes
5
SWENB
Note: This bit is valid for DDC1 & DDC2b Modes
0 = Data is automatically read from SRAM at the current location of DDCADR and sent
out via current DDC protocol. (Default)
1 = MCU is interrupted during the current data byte transmission period to load the next
byte of data to send out.
4
DDC_AX
Note: This bit is valid for DDC1 & DDC2b Modes
0 = Data is automatically read from SRAM at the current location of DDCADR and sent
out via current DDC protocol. (Default)
1 = MCU is interrupted during the current data byte transmission period to load the next
byte of data to send out.
This bit only affects DDC2b Mode Operation:
0 = DDC2b I2C Address is A0/A1 (default)
1 = DDC2b I2C Address is AX. Least 3 significant address bits are ignored.
3
DDC1_Int
For DDC1 Mode Operation Only:
0 = No DDC1 Interrupt
1 = DDC1 Interrupt request. Set by HW and should be cleared by SW interrupt service
routine.
Note1: This bit is set in the 9th VCLK at DDC1 Enable Mode. (SWENB=1)
2
DDC1EN
0 = DDC1 Mode is disabled – VSYNC is ignored.
The DDC unit will still respond to DDC2b requests. –provided I2C enabled.(Default)
1 = DDC1 Mode is enabled.
1
SWHINT
Set by hardware when the DDC unit switches from DDC1 to DDC2b Modes.
0 = No interrupt request.
1 = Switch to DDC2b Mode (Interrupt pending)
Set by HW and should be cleared by SW interrupt service routine.
Note1: This bit has no connection with SWENB.
0Mode
Current Mode Indication Bit:
0 = Unit is in DDC1 Mode
1 = Unit is in DDC2b Mode
Note: When the DDC unit transitions to DDC2b Mode, the DDC unit will stay in DDC2b
Mode until the DDC unit is disabled, or the system is reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com