Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9202 Datasheet(PDF) 16 Page - STMicroelectronics

Part # 9202
Description  Flash Programmable System Devices with 8032 Microcontroller Core
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

9202 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button 9202 Datasheet HTML 12Page - STMicroelectronics 9202 Datasheet HTML 13Page - STMicroelectronics 9202 Datasheet HTML 14Page - STMicroelectronics 9202 Datasheet HTML 15Page - STMicroelectronics 9202 Datasheet HTML 16Page - STMicroelectronics 9202 Datasheet HTML 17Page - STMicroelectronics 9202 Datasheet HTML 18Page - STMicroelectronics 9202 Datasheet HTML 19Page - STMicroelectronics 9202 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 175 page
background image
UPSD3254A, UPSD3254BV, UPSD3253B, UPSD3253BV
16/175
P4.3
PWM0
27
I/O
General I/O port pin
8-bit Pulse Width Modulation
output 0
P4.4
PWM1
25
I/O
General I/O port pin
8-bit Pulse Width Modulation
output 1
P4.5
PWM2
23
I/O
General I/O port pin
8-bit Pulse Width Modulation
output 2
P4.6
PWM3
19
I/O
General I/O port pin
8-bit Pulse Width Modulation
output 3
P4.7
PWM4
18
I/O
General I/O port pin
Programmable 8-bit Pulse Width
modulation output 4
USB-
8
I/O
USB Pin. Pull-up resistor required
(2k
Ω for 3V devices, 7.5kΩ for 5V
devices) for all devices, with or
without USB function.
USB+
10
I/O
USB Pin. Pin is not connected for
device with no USB function.
AVREF
70
O
Reference Voltage input for ADC
RD_
65
O
READ signal, external bus
WR_
62
O
WRITE signal, external bus
PSEN_
63
O
PSEN signal, external bus
ALE
4
O
Address Latch signal, external bus
RESET_
68
I
Active low RESET input
XTAL1
48
I
Oscillator input pin for system clock
XTAL2
49
O
Oscillator output pin for system clock
PA0
35
I/O
General I/O port pin
1. PLD Macro-cell outputs
2. PLD inputs
3. Latched Address Out (A0-A7)
4. Peripheral I/O Mode
PA1
34
I/O
General I/O port pin
PA2
32
I/O
General I/O port pin
PA3
28
I/O
General I/O port pin
PA4
26
I/O
General I/O port pin
PA5
24
I/O
General I/O port pin
PA6
22
I/O
General I/O port pin
PA7
21
I/O
General I/O port pin
Port Pin
Signal
Name
Pin No.
In/Out
Function
Basic
Alternate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com