Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9202 Datasheet(PDF) 54 Page - STMicroelectronics

Part # 9202
Description  Flash Programmable System Devices with 8032 Microcontroller Core
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

9202 Datasheet(HTML) 54 Page - STMicroelectronics

Back Button 9202 Datasheet HTML 50Page - STMicroelectronics 9202 Datasheet HTML 51Page - STMicroelectronics 9202 Datasheet HTML 52Page - STMicroelectronics 9202 Datasheet HTML 53Page - STMicroelectronics 9202 Datasheet HTML 54Page - STMicroelectronics 9202 Datasheet HTML 55Page - STMicroelectronics 9202 Datasheet HTML 56Page - STMicroelectronics 9202 Datasheet HTML 57Page - STMicroelectronics 9202 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 175 page
background image
UPSD3254A, UPSD3254BV, UPSD3253B, UPSD3253BV
54/175
TIMER/COUNTERS (TIMER 0, TIMER 1 AND TIMER 2)
The uPSD325X devices has three 16-bit Timer/
Counter registers: Timer 0, Timer 1 and Timer 2.
All of them can be configured to operate either as
timers or event counters and are compatible with
standard 8032 architecture.
In the “Timer” function, the register is incremented
every machine cycle. Thus, one can think of it as
counting machine cycles. Since a machine cycle
consists of 6 CPU clock periods, the count rate is
1/6 of the CPU clock frequency or 1/12 of the os-
cillator frequency (fOSC).
In the “Counter” function, the register is increment-
ed in response to a 1-to-0 transition at its corre-
sponding external input pin, T0 or T1. In this
function, the external input is sampled during
S5P2 of every machine cycle. When the samples
show a high in one cycle and a low in the next cy-
cle, the count is incremented. The new count value
appears in the register during S3P1 of the cycle
following the one in which the transition was de-
tected. Since it takes 2 machine cycles (24 fOSC
clock periods) to recognize a 1-to-0 transition, the
maximum count rate is 1/24 of the fOSC. There are
no restrictions on the duty cycle of the external in-
put signal, but to ensure that a given level is sam-
pled at least once before it changes, it should be
held for at least one full cycle. In addition to the
“Timer” or “Counter” selection, Timer 0 and Timer
1 have four operating modes from which to select.
Timer 0 and Timer 1
The “Timer” or “Counter” function is selected by
control bits C/ T in the Special Function Register
TMOD. These Timer/Counters have four operat-
ing modes, which are selected by bit-pairs (M1,
M0) in TMOD. Modes 0, 1, and 2 are the same for
Timers/ Counters. Mode 3 is different. The four op-
erating modes are de-scribed in the following text.
Table 36. Control Register (TCON)
Table 37. Description of the TCON Bits
76
543210
TF1
TR1
TF0
TR0
IE1
IT1
IE0
IT0
Bit
Symbol
Function
7TF1
Timer 1 overflow flag. Set by hardware on Timer/Counter overflow. Cleared by hardware
when processor vectors to interrupt routine
6
TR1
Timer 1 run control bit. Set/cleared by software to turn Timer/Counter on or off
5TF0
Timer 0 overflow flag. Set by hardier on Timer/Counter overflow. Cleared by hardware
when processor vectors to interrupt routine
4
TR0
Timer 0 run control bit. Set/cleared by software to turn Timer/Counter on or off
3IE1
Interrupt 1 Edge Flag. Set by hardware when external interrupt edge detected. Cleared
when interrupt processed
2IT1
Interrupt 1 Type Control Bit. Set/cleared by software to specify falling-edge/low-level
triggered external interrupt
1IE0
Interrupt 0 Edge Flag. Set by hardware when external interrupt edge detected. Cleared
when interrupt processed
0IT0
Interrupt 0 Type Control Bit. Set/cleared by software to specify falling-edge/low-level
triggered external interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com