Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9202 Datasheet(PDF) 23 Page - STMicroelectronics

Part # 9202
Description  Flash Programmable System Devices with 8032 Microcontroller Core
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

9202 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button 9202 Datasheet HTML 19Page - STMicroelectronics 9202 Datasheet HTML 20Page - STMicroelectronics 9202 Datasheet HTML 21Page - STMicroelectronics 9202 Datasheet HTML 22Page - STMicroelectronics 9202 Datasheet HTML 23Page - STMicroelectronics 9202 Datasheet HTML 24Page - STMicroelectronics 9202 Datasheet HTML 25Page - STMicroelectronics 9202 Datasheet HTML 26Page - STMicroelectronics 9202 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 175 page
background image
23/175
UPSD3254A, UPSD3254BV, UPSD3253B, UPSD3253BV
Table 4. Arithmetic Instructions
Logical Instructions
Table 5, page 24 shows list of uPSD325X devices
logical instructions. The instructions that perform
Boolean operations (AND, OR, Exclusive OR,
NOT) on bytes perform the operation on a bit-by-
bit basis. That is, if the Accumulator contains
00110101B and byte contains 01010011B, then:
ANL A, <byte>
will leave the Accumulator holding 00010001B.
The addressing modes that can be used to access
the <byte> operand are listed in Table 5.
The ANL A, <byte> instruction may take any of the
forms:
ANL A,7FH(direct addressing)
ANL A, @R1 (indirect addressing)
ANL A,R6 (register addressing)
ANL A,#53H (immediate constant)
Note: Boolean operations can be performed on
any byte in the internal Data Memory space with-
out going through the Accumulator. The XRL
<byte>, #data instruction, for example, offers a
quick and easy way to invert port bits, as in
XRL P1, #0FFH.
If the operation is in response to an interrupt, not
using the Accumulator saves the time and effort to
push it onto the stack in the service routine.
The Rotate instructions (RL A, RLC A, etc.) shift
the Accumulator 1 bit to the left or right. For a left
rotation, the MSB rolls into the LSB position. For a
right rotation, the LSB rolls into the MSB position.
The SWAP A instruction interchanges the high
and low nibbles within the Accumulator. This is a
useful operation in BCD manipulations. For exam-
ple, if the Accumulator contains a binary number
which is known to be less than 100, it can be quick-
ly converted to BCD by the following code:
MOVE B,#10
DIV AB
SWAP A
ADD A,B
Dividing the number by 10 leaves the tens digit in
the low nibble of the Accumulator, and the ones
digit in the B register. The SWAP and ADD instruc-
tions move the tens digit to the high nibble of the
Accumulator, and the ones digit to the low nibble.
Mnemonic
Operation
Addressing Modes
Dir.
Ind.
Reg.
Imm
ADD A,<byte>
A = A + <byte>
X
X
X
X
ADDC A,<byte>
A = A + <byte> + C
X
X
X
X
SUBB A,<byte>
A = A – <byte> – C
X
X
X
X
INC
A = A + 1
Accumulator only
INC <byte>
<byte> = <byte> + 1
X
X
X
INC DPTR
DPTR = DPTR + 1
Data Pointer only
DEC
A = A – 1
Accumulator only
DEC <byte>
<byte> = <byte> – 1
X
X
X
MUL AB
B:A = B x A
Accumulator and B only
DIV AB
A = Int[ A / B ]
B = Mod[ A / B ]
Accumulator and B only
DA A
Decimal Adjust
Accumulator only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com