Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9202 Datasheet(PDF) 47 Page - STMicroelectronics

Part # 9202
Description  Flash Programmable System Devices with 8032 Microcontroller Core
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

9202 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button 9202 Datasheet HTML 43Page - STMicroelectronics 9202 Datasheet HTML 44Page - STMicroelectronics 9202 Datasheet HTML 45Page - STMicroelectronics 9202 Datasheet HTML 46Page - STMicroelectronics 9202 Datasheet HTML 47Page - STMicroelectronics 9202 Datasheet HTML 48Page - STMicroelectronics 9202 Datasheet HTML 49Page - STMicroelectronics 9202 Datasheet HTML 50Page - STMicroelectronics 9202 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 175 page
background image
47/175
UPSD3254A, UPSD3254BV, UPSD3253B, UPSD3253BV
I/O PORTS (MCU MODULE)
The MCU Module has five ports: Port 0, Port 1,
Port 2, Port 3, and Port 4. (Refer to the PSD Mod-
ule section on I/O ports A,B,C and D). Ports P0
and P2 are dedicated for the external address and
data bus and is not available in the 52-pin package
devices.
Port 1 - Port 3 are the same as in the standard
8032 micro-controllers, with the exception of the
additional special peripheral functions. All ports
are bi-directional. Pins of which the alternative
function is not used may be used as normal bi-di-
rectional I/O.
The use of Port 1 -Port 4 pins as alternative func-
tions
are
carried
out
automatically
by
the
uPSD325X devices provided the associated SFR
Bit is set HIGH.
The following SFR registers (Tables 29, 30, and
31) are used to control the mapping of alternate
functions onto the I/O port bits. Port 1 alternate
functions are controlled using the P1SFS register,
except for Timer 2 and the 2nd UART which are
enabled by their configuration registers. P1.0 to
P1.3 are default to GPIO after reset.
Port 3 pins 6 and 7 have been modified from the
standard 8032. These pins that were used for
READ and WRITE control signals are now GPIO
or I2C bus pins. The READ and WRITE pins are
assigned to dedicated pins.
Port 3 (I2C) and Port 4 alternate functions are con-
trolled using the P3SFS and P4SFS Special Func-
tion Selection registers. After a reset, the I/O pins
default to GPIO. The alternate function is enabled
if the corresponding bit in the PXSFS register is
set to '1.' Other Port 3 alternative functions (UART,
Interrupt, and Timer/Counter) are enabled by their
configuration register and do not require setting of
the bits in P3SFS.
Table 28. I/O Port Functions
Table 29. P1SFS (91H)
Table 30. P3SFS (93H)
Table 31. P4SFS (94H)
Port Name
Main Function
Alternate
Port 1
GPIO
Timer 2 - Bits 0,1
2nd UART - Bits 2,3
ADC - Bits 4..7
Port 3
GPIO
UART - Bits 0,1
Interrupt - Bits 2,3
Timers - Bits 4,5
I2C - Bits 6,7
Port 4
GPIO
DDC - Bits 0..2
PWM - Bits 3..7
USB +/-
USB +/- Only
76
543210
0=Port 1.7
1=ACH3
0=Port 1.6
1=ACH2
0=Port 1.5
1=ACH1
0=Port 1.4
1=ACH0
Bits Reserved
Bits Reserved
76
543210
0 = Port 3.7
1 = SCL
from I2C unit
0 = Port 3.6
1 = SDA
from I2C unit
Bits are reserved.
76
543210
0=Port 4.7
1=PWM 4
0=Port 4.6
1=PWM 3
0=Port 4.5
1=PWM 2
0=Port 4.4
1=PWM 1
0=Port 4.3
1=PWM 0
0=Port 4.2
1=VSYNC
0=Port 4.1
1=DDC -
SCL
0=Port 4.0
1=DDC -
SDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com