Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9202 Datasheet(PDF) 14 Page - STMicroelectronics

Part # 9202
Description  Flash Programmable System Devices with 8032 Microcontroller Core
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

9202 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button 9202 Datasheet HTML 10Page - STMicroelectronics 9202 Datasheet HTML 11Page - STMicroelectronics 9202 Datasheet HTML 12Page - STMicroelectronics 9202 Datasheet HTML 13Page - STMicroelectronics 9202 Datasheet HTML 14Page - STMicroelectronics 9202 Datasheet HTML 15Page - STMicroelectronics 9202 Datasheet HTML 16Page - STMicroelectronics 9202 Datasheet HTML 17Page - STMicroelectronics 9202 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 175 page
background image
UPSD3254A, UPSD3254BV, UPSD3253B, UPSD3253BV
14/175
Figure 4. TQFP80 Connections
Note: NC = Not Connected
1. Pull-up resistor required on pin 8 (2k
Ω for 3V devices, 7.5kΩ for 5V devices) for all 82-pin devices, with or without USB function.
2. Pin 10 is Not Connected (NC) for device with no USB function.
60 P1.5 / ADC1
59 P1.4 / ADC0
58 P1.3 / TXD1
57 P2.3, A11
56 P1.2 / RXD1
55 P2.2, A10
54 P1.1 / T2X
53 P2.1, A9
52 P1.0 / T2
51 P2.0, A8
50 VCC
49 XTAL2
48 XTAL1
47 P0.7, AD7
46 P3.7 / SCL2
45 P0.6, AD6
44 P3.6 / SDA2
43 P0.5, AD5
42 P3.5 / T1
41 P0.4, AD4
PD2
P3.3 /EXINT1
PD1
PD0, ALE
PC7
PC6
PC5
USB-
PC4
USB+
NC
VCC
GND
PC3
PC2
PC1
NC
P4.7 / PWM4
P4.6 / PWM3
PC0
1
2
3
4
5
6
7
8(1)
9
10(2)
11
12
13
14
15
16
17
18
19
20
AI05791B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com