Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9202 Datasheet(PDF) 94 Page - STMicroelectronics

Part # 9202
Description  Flash Programmable System Devices with 8032 Microcontroller Core
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

9202 Datasheet(HTML) 94 Page - STMicroelectronics

Back Button 9202 Datasheet HTML 90Page - STMicroelectronics 9202 Datasheet HTML 91Page - STMicroelectronics 9202 Datasheet HTML 92Page - STMicroelectronics 9202 Datasheet HTML 93Page - STMicroelectronics 9202 Datasheet HTML 94Page - STMicroelectronics 9202 Datasheet HTML 95Page - STMicroelectronics 9202 Datasheet HTML 96Page - STMicroelectronics 9202 Datasheet HTML 97Page - STMicroelectronics 9202 Datasheet HTML 98Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 175 page
background image
UPSD3254A, UPSD3254BV, UPSD3253B, UPSD3253BV
94/175
Table 73. USB Control Register (UCON2: 0ECh)
Table 74. Description of the UCON2 Bits
Table 75. USB Endpoint0 Status Register (USTA: 0EDh)
Table 76. Description of the USTA Bits
Table 77. USB Endpoint0 Data Receive Register (UDR0: 0EFh)
Table 78. USB Endpoint0 Data Transmit Register (UDT0: 0E7h)
Table 79. USB Endpoint1 Data Transmit Register (UDT1: 0E6h)
76
543210
—
—
—
SOUT
EP2E
EP1E
STALL2
STALL1
Bit
Symbol
R/W
Function
7 to 5
—
—
Reserved
4
SOUT
R/W
Status out is used to automatically respond to the OUT of a control READ
transfer
3
EP2E
R/W
Endpoint2 enable. RESET clears this bit
2
EP1E
R/W
Endpoint1 enable. RESET clears this bit
1
STALL2
R/W
Endpoint2 Force Stall Bit. RESET clears this bit
0
STALL1
R/W
Endpoint1 Force Stall Bit. RESET clears this bit
76
543210
RSEQ
SETUP
IN
OUT
RP0SIZ3
RP0SIZ2
RP0SIZ1
RP0SIZ0
Bit
Symbol
R/W
Function
7
RSEQ
R/W
Endpoint0 receive data packet PID. (0=DATA0, 1=DATA1)
This bit will be compared with the type of data packet last received for
Endpoint0
6
SETUP
R
SETUP Token Detect Bit. This bit is set when the received token packet
is a SEPUP token, PID = b1101.
5IN
R
IN Token Detect Bit.
This bit is set when the received token packet is an IN token.
4OUT
R
OUT Token Detect Bit.
This bit is set when the received token packet is an OUT token.
3 to 0
RP0SIZ3 to
RP0SIZ0
R
The number of data bytes received in a DATA packet
76543210
UDR0.7
UDR0.6
UDR0.5
UDR0.4
UDR0.3
UDR0.2
UDR0.1
UDR0.0
76543210
UDT0.7
UDT0.6
UDT0.5
UDT0.4
UDT0.3
UDT0.2
UDT0.1
UDT0.0
76543210
UDT1.7
UDT1.6
UDT1.5
UDT1.4
UDT1.3
UDT1.2
UDT1.1
UDT1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com