Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9202 Datasheet(PDF) 11 Page - STMicroelectronics

Part # 9202
Description  Flash Programmable System Devices with 8032 Microcontroller Core
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

9202 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button 9202 Datasheet HTML 7Page - STMicroelectronics 9202 Datasheet HTML 8Page - STMicroelectronics 9202 Datasheet HTML 9Page - STMicroelectronics 9202 Datasheet HTML 10Page - STMicroelectronics 9202 Datasheet HTML 11Page - STMicroelectronics 9202 Datasheet HTML 12Page - STMicroelectronics 9202 Datasheet HTML 13Page - STMicroelectronics 9202 Datasheet HTML 14Page - STMicroelectronics 9202 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 175 page
background image
11/175
UPSD3254A, UPSD3254BV, UPSD3253B, UPSD3253BV
Program, WRITE and Erase Times (5V Devices) (Table 128.) . . . . . . . . . . . . . . . . . . . . . . . . . . . 162
Program, WRITE and Erase Times (3V Devices) (Table 129.) . . . . . . . . . . . . . . . . . . . . . . . . . . . 162
Peripheral I/O READ Timing (Figure 83.) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 163
Port A Peripheral Data Mode READ Timing (5V Devices) (Table 130.) . . . . . . . . . . . . . . . . . . . . 163
Port A Peripheral Data Mode READ Timing (3V Devices) (Table 131.) . . . . . . . . . . . . . . . . . . . . 163
Peripheral I/O WRITE Timing (Figure 84.) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 164
Port A Peripheral Data Mode WRITE Timing (5V Devices) (Table 132.) . . . . . . . . . . . . . . . . . . . 164
Port A Peripheral Data Mode WRITE Timing (3V Devices) (Table 133.) . . . . . . . . . . . . . . . . . . . 164
Reset (RESET) Timing (Figure 85.) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 165
Reset (RESET) Timing (5V Devices) (Table 134.) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 165
Reset (RESET) Timing (3V Devices) (Table 135.) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 165
VSTBYON Definitions Timing (5V Devices) (Table 136.) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 165
VSTBYON Timing (3V Devices) (Table 137.). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 165
ISC Timing (Figure 86.) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 166
ISC Timing (5V Devices) (Table 138.) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 166
ISC Timing (3V Devices) (Table 139.) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 167
MCU Module AC Measurement I/O Waveform (Figure 87.) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 167
PSD MODULE AC Float I/O Waveform (Figure 88.) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 167
External Clock Cycle (Figure 89.) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 168
Recommended Oscillator Circuits (Figure 90.) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 168
PSD MODULE AC Measurement I/O Waveform (Figure 91.) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 168
PSD MODULE AC Measurement Load Circuit (Figure 92.) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 168
Capacitance (Table 140.) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 168
PART NUMBERING . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 169
PACKAGE MECHANICAL INFORMATION . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 170
REVISION HISTORY. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 174



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com