Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9202 Datasheet(PDF) 104 Page - STMicroelectronics

Part # 9202
Description  Flash Programmable System Devices with 8032 Microcontroller Core
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

9202 Datasheet(HTML) 104 Page - STMicroelectronics

Back Button 9202 Datasheet HTML 100Page - STMicroelectronics 9202 Datasheet HTML 101Page - STMicroelectronics 9202 Datasheet HTML 102Page - STMicroelectronics 9202 Datasheet HTML 103Page - STMicroelectronics 9202 Datasheet HTML 104Page - STMicroelectronics 9202 Datasheet HTML 105Page - STMicroelectronics 9202 Datasheet HTML 106Page - STMicroelectronics 9202 Datasheet HTML 107Page - STMicroelectronics 9202 Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 175 page
background image
UPSD3254A, UPSD3254BV, UPSD3253B, UPSD3253BV
104/175
DEVELOPMENT SYSTEM
The uPSD325X devices are supported by PSD-
soft, a Windows-based software development tool
(Windows-95, Windows-98, Windows-NT). A PSD
MODULE design is quickly and easily produced in
a point and click environment. The designer does
not need to enter Hardware Description Language
(HDL) equations, unless desired, to define PSD
MODULE pin functions and memory map informa-
tion. The general design flow is shown in Figure
51. PSDsoft is available from our web site (the ad-
dress is given on the back page of this data sheet)
or other distribution channels.
PSDsoft directly supports a low cost device pro-
grammer from ST: FlashLINK (JTAG). The pro-
grammer may be purchased through your local
distributor/representative. The uPSD325X devices
are also supported by third party device program-
mers. See our web site for the current list.
Figure 51. PSDsoft Express Development Tool
Merge MCU Firmware with
PSD Module Configuration
PSD Programmer
*.OBJ FILE
FlashLINK (JTAG)
A composite object file is created
containing MCU firmware and
PSD configuration
C Code Generation
GENERATE C CODE
SPECIFIC TO PSD
FUNCTIONS
USER'S CHOICE OF
8032
COMPILER/LINKER
*.OBJ FILE
AVAILABLE
FOR 3rd PARTY
PROGRAMMERS
MCU FIRMWARE
HEX OR S-RECORD
FORMAT
AI05798
Define General Purpose
Logic in CPLD
Point and click definition of combin-
atorial and registered logic in CPLD.
Access HDL is available if needed
Define µPSD Pin and
Node Functions
Point and click definition of
PSD pin functions, internal nodes,
and MCU system memory map
Choose µPSD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com