Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9202 Datasheet(PDF) 107 Page - STMicroelectronics

Part # 9202
Description  Flash Programmable System Devices with 8032 Microcontroller Core
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

9202 Datasheet(HTML) 107 Page - STMicroelectronics

Back Button 9202 Datasheet HTML 103Page - STMicroelectronics 9202 Datasheet HTML 104Page - STMicroelectronics 9202 Datasheet HTML 105Page - STMicroelectronics 9202 Datasheet HTML 106Page - STMicroelectronics 9202 Datasheet HTML 107Page - STMicroelectronics 9202 Datasheet HTML 108Page - STMicroelectronics 9202 Datasheet HTML 109Page - STMicroelectronics 9202 Datasheet HTML 110Page - STMicroelectronics 9202 Datasheet HTML 111Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 175 page
background image
107/175
UPSD3254A, UPSD3254BV, UPSD3253B, UPSD3253BV
Instructions
An instruction consists of a sequence of specific
operations. Each received byte is sequentially de-
coded by the PSD MODULE and not executed as
a standard WRITE operation. The instruction is ex-
ecuted when the correct number of bytes are prop-
erly
received
and
the
time
between
two
consecutive bytes is shorter than the time-out pe-
riod. Some instructions are structured to include
READ operations after the initial WRITE opera-
tions.
The instruction must be followed exactly. Any in-
valid combination of instruction bytes or time-out
between two consecutive bytes while addressing
Flash memory resets the device logic into READ
Mode (Flash memory is read like a ROM device).
The Flash memory supports the instructions sum-
marized in Table 85:
Flash memory:
s
Erase memory by chip or sector
s
Suspend or resume sector erase
s
Program a Byte
s
RESET to READ Mode
s
Read Sector Protection Status
s
Bypass
These instructions are detailed in Table 85. For ef-
ficient decoding of the instructions, the first two
bytes of an instruction are the coded cycles and
are followed by an instruction byte or confirmation
byte. The coded cycles consist of writing the data
AAh to address X555h during the first cycle and
data 55h to address XAAAh during the second cy-
cle. Address signals A15-A12 are Don’t Care dur-
ing the instruction WRITE cycles. However, the
appropriate
Sector
Select
(FS0-FS7
or
CSBOOT0-CSBOOT3) must be selected.
The primary and secondary Flash memories have
the same instruction set (except for Read Primary
Flash Identifier). The Sector Select signals deter-
mine which Flash memory is to receive and exe-
cute the instruction. The primary Flash memory is
selected if any one of Sector Select (FS0-FS7) is
High, and the secondary Flash memory is selected
if
any
one
of
Sector
Select
(CSBOOT0-
CSBOOT3) is High.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com