Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9202 Datasheet(PDF) 108 Page - STMicroelectronics

Part # 9202
Description  Flash Programmable System Devices with 8032 Microcontroller Core
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

9202 Datasheet(HTML) 108 Page - STMicroelectronics

Back Button 9202 Datasheet HTML 104Page - STMicroelectronics 9202 Datasheet HTML 105Page - STMicroelectronics 9202 Datasheet HTML 106Page - STMicroelectronics 9202 Datasheet HTML 107Page - STMicroelectronics 9202 Datasheet HTML 108Page - STMicroelectronics 9202 Datasheet HTML 109Page - STMicroelectronics 9202 Datasheet HTML 110Page - STMicroelectronics 9202 Datasheet HTML 111Page - STMicroelectronics 9202 Datasheet HTML 112Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 175 page
background image
UPSD3254A, UPSD3254BV, UPSD3253B, UPSD3253BV
108/175
Table 85. Instructions
Note: 1. All bus cycles are WRITE bus cycles, except the ones with the “Read” label
2. All values are in hexadecimal:
X = Don’t care. Addresses of the form XXXXh, in this table, must be even addresses
RA = Address of the memory location to be read
RD = Data READ from location RA during the READ cycle
PA = Address of the memory location to be programmed. Addresses are latched on the falling edge of WRITE Strobe (WR, CNTL0).
PA is an even address for PSD in Word Programming Mode.
PD = Data word to be programmed at location PA. Data is latched on the rising edge of WRITE Strobe (WR , CNTL0)
SA = Address of the sector to be erased or verified. The Sector Select (FS0-FS7 or CSBOOT0-CSBOOT3) of the sector to be
erased, or verified, must be Active (High).
3. Sector Select (FS0-FS7 or CSBOOT0-CSBOOT3) signals are active High, and are defined in PSDsoft Express.
4. Only address Bits A11-A0 are used in instruction decoding.
5. No Unlock or instruction cycles are required when the device is in the READ Mode
6. The RESET instruction is required to return to the READ Mode after reading the Sector Protection Status, or if the Error Flag Bit
(DQ5/DQ13) goes High.
7. Additional sectors to be erased must be written at the end of the Sector Erase instruction within 80µs.
8. The data is 00h for an unprotected sector, and 01h for a protected sector. In the fourth cycle, the Sector Select is active, and
(A1,A0)=(1,0)
9. The Unlock Bypass instruction is required prior to the Unlock Bypass Program instruction.
10. The Unlock Bypass Reset Flash instruction is required to return to reading memory data when the device is in the Unlock Bypass
Mode.
11. The system may perform READ and Program cycles in non-erasing sectors, read the Flash ID or read the Sector Protection Status
when in the Suspend Sector Erase Mode. The Suspend Sector Erase instruction is valid only during a Sector Erase cycle.
12. The Resume Sector Erase instruction is valid only during the Suspend Sector Erase Mode.
13. The MCU cannot invoke these instructions while executing code from the same Flash memory as that for which the instruction is
intended. The MCU must retrieve, for example, the code from the secondary Flash memory when reading the Sector Protection
Status of the primary Flash memory.
Instruction
FS0-FS7 or
CSBOOT0-
CSBOOT3
Cycle 1
Cycle 2
Cycle 3
Cycle 4
Cycle 5
Cycle 6
Cycle 7
READ(5)
1
“Read”
RD @ RA
READ Sector
Protection(6,8,13)
1
AAh@
X555h
55h@
XAAAh
90h@
X555h
Read status @
XX02h
Program a Flash
Byte(13)
1
AAh@
X555h
55h@
XAAAh
A0h@
X555h
PD@ PA
Flash Sector
Erase(7,13)
1
AAh@
X555h
55h@
XAAAh
80h@
X555h
AAh@ X555h
55h@
XAAAh
30h@
SA
30h7@
next SA
Flash Bulk
Erase(13)
1
AAh@
X555h
55h@
XAAAh
80h@
X555h
AAh@ X555h
55h@
XAAAh
10h@
X555h
Suspend Sector
Erase(11)
1
B0h@
XXXXh
Resume Sector
Erase(12)
1
30h@
XXXXh
RESET(6)
1
F0h@
XXXXh
Unlock Bypass
1
AAh@
X555h
55h@
XAAAh
20h@
X555h
Unlock Bypass
Program(9)
1
A0h@
XXXXh
PD@ PA
Unlock Bypass
Reset(10)
1
90h@
XXXXh
00h@
XXXXh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com