Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9202 Datasheet(PDF) 136 Page - STMicroelectronics

Part # 9202
Description  Flash Programmable System Devices with 8032 Microcontroller Core
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

9202 Datasheet(HTML) 136 Page - STMicroelectronics

Back Button 9202 Datasheet HTML 132Page - STMicroelectronics 9202 Datasheet HTML 133Page - STMicroelectronics 9202 Datasheet HTML 134Page - STMicroelectronics 9202 Datasheet HTML 135Page - STMicroelectronics 9202 Datasheet HTML 136Page - STMicroelectronics 9202 Datasheet HTML 137Page - STMicroelectronics 9202 Datasheet HTML 138Page - STMicroelectronics 9202 Datasheet HTML 139Page - STMicroelectronics 9202 Datasheet HTML 140Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 175 page
background image
UPSD3254A, UPSD3254BV, UPSD3253B, UPSD3253BV
136/175
Automatic Power-down (APD) Unit and Power-
down Mode. The APD Unit, shown in Figure 69,
puts the PSD MODULE into Power-down Mode by
monitoring the activity of Address Strobe (ALE). If
the APD Unit is enabled, as soon as activity on Ad-
dress Strobe (ALE) stops, a four-bit counter starts
counting. If Address Strobe (ALE/AS, PD0) re-
mains inactive for fifteen clock periods of CLKIN
(PD1), Power-down (PDN) goes High, and the
PSD MODULE enters Power-down Mode, as dis-
cussed next.
Power-down Mode. By default, if you enable the
APD Unit, Power-down Mode is automatically en-
abled. The device enters Power-down Mode if Ad-
dress Strobe (ALE) remains inactive for fifteen
periods of CLKIN (PD1).
The following should be kept in mind when the
PSD MODULE is in Power-down Mode:
s
If Address Strobe (ALE) starts pulsing again, the
PSD MODULE returns to normal Operating
mode. The PSD MODULE also returns to
normal Operating mode if either PSD Chip
Select Input (CSI, PD2) is Low or the RESET
input is High.
s
The MCU address/data bus is blocked from all
memory and PLDs.
s
Various signals can be blocked (prior to Power-
down Mode) from entering the PLDs by setting
the appropriate bits in the PMMR registers. The
blocked signals include MCU control signals
and the common CLKIN (PD1).
Note: Blocking CLKIN (PD1) from the PLDs
does not block CLKIN (PD1) from the APD Unit.
s
All memories enter Standby Mode and are
drawing standby current. However, the PLD and
I/O ports blocks do
not go into Standby Mode
because you don’t want to have to wait for the
logic and I/O to “wake-up” before their outputs
can change. See Table 100 for Power-down
Mode effects on PSD MODULE ports.
s
Typical standby current is of the order of
microamperes. These standby current values
assume that there are no transitions on any PLD
input.
Other Power Saving Options. The PSD MOD-
ULE offers other reduced power saving options
that are independent of the Power-down Mode.
Except for the SRAM Stand-by and PSD Chip Se-
lect Input (CSI, PD2) features, they are enabled by
setting bits in PMMR0 and PMMR2.
Figure 70. Enable Power-down Flow Chart
Table 100. Power-down Mode’s Effect on Ports
Port Function
Pin Level
MCU I/O
No Change
PLD Out
No Change
Address Out
Undefined
Peripheral I/O
Tri-State
Enable APD
Set PMMR0 Bit 1 = 1
PSD Module in Power
Down Mode
ALE idle
for 15 CLKIN
clocks?
RESET
Yes
No
OPTIONAL
Disable desired inputs to PLD
by setting PMMR0 bits 4 and 5
and PMMR2 bits 2 through 6.
AI06609



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com