Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9202 Datasheet(PDF) 149 Page - STMicroelectronics

Part # 9202
Description  Flash Programmable System Devices with 8032 Microcontroller Core
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

9202 Datasheet(HTML) 149 Page - STMicroelectronics

Back Button 9202 Datasheet HTML 145Page - STMicroelectronics 9202 Datasheet HTML 146Page - STMicroelectronics 9202 Datasheet HTML 147Page - STMicroelectronics 9202 Datasheet HTML 148Page - STMicroelectronics 9202 Datasheet HTML 149Page - STMicroelectronics 9202 Datasheet HTML 150Page - STMicroelectronics 9202 Datasheet HTML 151Page - STMicroelectronics 9202 Datasheet HTML 152Page - STMicroelectronics 9202 Datasheet HTML 153Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 175 page
background image
149/175
UPSD3254A, UPSD3254BV, UPSD3253B, UPSD3253BV
Table 112. DC Characteristics (3V Devices)
Symbol
Parameter
Test Condition
(in addition to those in
Table 109, page 145)
Min.
Typ.
Max.
Unit
VIH
Input High Voltage (Ports 1, 2,
3, 4[Bits 7,6,5,4,3,1,0], A, B, C,
D, XTAL1, RESET)
3.0V < VCC < 3.6V
0.7VCC
VCC +
0.5
V
VIH1
Input High Voltage (Port 4[Bit 2])
3.0V < VCC < 3.6V
2.0
VCC +
0.5
V
VIL
Input High Voltage (Ports 1, 2,
3, 4[Bits 7,6,5,4,3,1,0], XTAL1,
RESET)
3.0V < VCC < 3.6V
VSS– 0.5
0.3VC
C
V
VIL1
Input Low Voltage
(Ports A, B, C, D)
3.0V < VCC < 3.6V
–0.5
0.8
V
Input Low Voltage
(Port 4[Bit 2])
3.0V < VCC < 3.6V
VSS– 0.5
0.8
V
VOL
Output Low Voltage
(Ports A,B,C,D)
IOL = 20µA
VCC = 3.0V
0.01
0.1
V
IOL = 4mA
VCC = 3.0V
0.15
0.45
V
VOL1
Output Low Voltage
(Ports 1,2,3,4, WR, RD)
IOL = 1.6mA
0.45
V
IOL = 100µA
0.3
V
VOL2
Output Low Voltage
(Port 0, ALE, PSEN)
IOL = 3.2mA
0.45
V
IOL = 200µA
0.3
V
VOH
Output High Voltage
(Ports A,B,C,D)
IOH = –20µA
VCC = 3.0V
2.9
2.99
V
IOH = –1mA
VCC = 3.0V
2.4
2.6
V
VOH1
Output High Voltage
(Ports 1,2,3,4, WR, RD)
IOH = –20µA
2.0
V
IOH = –10µA
2.7
V
VOH2
Output High Voltage (Port 0 in
ext. Bus Mode, ALE, PSEN)
IOH = –800µA
2.0
V
IOH = –80µA
2.7
V
VOH3
Output High Voltage VSTBYON
IOH = –1µA
VSTBY – 0.8
V
VLVR
Low Voltage Reset
0.1V hysteresis
2.3
2.5
2.7
V
VOP
XTAL Open Bias Voltage
(XTAL1, XTAL2)
IOL = 3.2mA
1.0
2.0
V
VLKO
VCC(min) for Flash Erase and
Program
1.5
2.2
V
VSTBY
SRAM (PSD) Stand-by Voltage
2.0
VCC –
0.2
V
VDF
SRAM (PSD) Data Retention
Voltage
Only on VSTBY
2V
IIL
Logic '0' Input Current
(Ports 1,2,3,4)
VIN = 0.45V
(0V for Port 4[pin 2])
–1
–50
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com