Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFRC522 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # MFRC522
Description  Contactless reader IC
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC522 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button MFRC522 Datasheet HTML 15Page - NXP Semiconductors MFRC522 Datasheet HTML 16Page - NXP Semiconductors MFRC522 Datasheet HTML 17Page - NXP Semiconductors MFRC522 Datasheet HTML 18Page - NXP Semiconductors MFRC522 Datasheet HTML 19Page - NXP Semiconductors MFRC522 Datasheet HTML 20Page - NXP Semiconductors MFRC522 Datasheet HTML 21Page - NXP Semiconductors MFRC522 Datasheet HTML 22Page - NXP Semiconductors MFRC522 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 96 page
background image
MFRC522_33
© NXP B.V. 2009. All rights reserved.
Product data sheet
PUBLIC
Rev. 3 — 26 October 2009
112133
19 of 96
NXP Semiconductors
MFRC522
Contactless reader IC
8.1.4.7
Register read access
To read out data from a specific register address in the MFRC522, the host controller must
use the following procedure:
• Firstly, a write access to the specific register address must be performed as indicated
in the frame that follows
• The first byte of a frame indicates the device address according to the I2C-bus rules
• The second byte indicates the register address. No data bytes are added
• The Read/Write bit is 0
After the write access, read access can start. The host sends the device address of the
MFRC522. In response, the MFRC522 sends the content of the read access register. In
one frame all data bytes can be read from the same register address. This enables fast
FIFO buffer access or register polling.
The Read/Write (R/W) bit is set to logic 1.
Fig 17. Register read and write access
001aak592
SA
0
0
I2C-BUS
SLAVE ADDRESS
[A7:A0]
JOINER REGISTER
ADDRESS [A5:A0]
write cycle
0
(W)
A
DATA
[7:0]
[0:n]
[0:n]
[0:n]
A
P
SA
0
0
I2C-BUS
SLAVE ADDRESS
[A7:A0]
JOINER REGISTER
ADDRESS [A5:A0]
read cycle
optional, if the previous access was on the same register address
0
(W)
A
P
P
S
S
start condition
P
stop condition
A
acknowledge
A
not acknowledge
W
write cycle
R
read cycle
A
I2C-BUS
SLAVE ADDRESS
[A7:A0]
sent by master
sent by slave
DATA
[7:0]
1
(R)
A
DATA
[7:0]
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com