Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFRC522 Datasheet(PDF) 84 Page - NXP Semiconductors

Part # MFRC522
Description  Contactless reader IC
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC522 Datasheet(HTML) 84 Page - NXP Semiconductors

Back Button MFRC522 Datasheet HTML 80Page - NXP Semiconductors MFRC522 Datasheet HTML 81Page - NXP Semiconductors MFRC522 Datasheet HTML 82Page - NXP Semiconductors MFRC522 Datasheet HTML 83Page - NXP Semiconductors MFRC522 Datasheet HTML 84Page - NXP Semiconductors MFRC522 Datasheet HTML 85Page - NXP Semiconductors MFRC522 Datasheet HTML 86Page - NXP Semiconductors MFRC522 Datasheet HTML 87Page - NXP Semiconductors MFRC522 Datasheet HTML 88Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 96 page
background image
MFRC522_33
© NXP B.V. 2009. All rights reserved.
Product data sheet
PUBLIC
Rev. 3 — 26 October 2009
112133
84 of 96
NXP Semiconductors
MFRC522
Contactless reader IC
16.1.3.5
Example: Output test signal RX data stream
Figure 32 shows the data stream that is currently being received. The TestSel2Reg
register’s TestBusSel[4:0] bits are set to 07h to enable test bus signals on pins D1 to D6;
see Section 16.1.2 on page 79. The TestSel1Reg register’s TstBusBitSel[2:0] bits are set
06h (pin D6 = s_data) and AnalogTestReg register is set to FFh (TstBusBit) which outputs
the received data stream on pins AUX1 and AUX2.
16.1.3.6
PRBS
The pseudo-random binary sequences PRBS9 and PRBS15 are based on ITU-TO150
and are defined with the TestSel2Reg register. Transmission of either data stream is
started by the Transmit command. The preamble/sync byte/start bit/parity bit are
automatically generated depending on the mode selected.
Remark: All relevant registers for transmitting data must be configured in accordance with
ITU-TO150 before selecting PRBS transmission.
(1) s_data (received data stream) (2 V/div).
(2) RF field.
Fig 32. Received data stream on pins AUX1 and AUX2
20
µs/div
001aak601
(1)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com