Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFRC522 Datasheet(PDF) 28 Page - NXP Semiconductors

Part # MFRC522
Description  Contactless reader IC
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC522 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button MFRC522 Datasheet HTML 24Page - NXP Semiconductors MFRC522 Datasheet HTML 25Page - NXP Semiconductors MFRC522 Datasheet HTML 26Page - NXP Semiconductors MFRC522 Datasheet HTML 27Page - NXP Semiconductors MFRC522 Datasheet HTML 28Page - NXP Semiconductors MFRC522 Datasheet HTML 29Page - NXP Semiconductors MFRC522 Datasheet HTML 30Page - NXP Semiconductors MFRC522 Datasheet HTML 31Page - NXP Semiconductors MFRC522 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 96 page
background image
MFRC522_33
© NXP B.V. 2009. All rights reserved.
Product data sheet
PUBLIC
Rev. 3 — 26 October 2009
112133
28 of 96
NXP Semiconductors
MFRC522
Contactless reader IC
FIFO buffer almost empty warning: Status1Reg register’s LoAlert bit
FIFO buffer overflow warning: ErrorReg register’s BufferOvfl bit. The BufferOvfl bit can
only be cleared by setting the FIFOLevelReg register’s FlushBuffer bit.
The MFRC522 can generate an interrupt signal when:
ComIEnReg register’s LoAlertIEn bit is set to logic 1. It activates pin IRQ when
Status1Reg register’s LoAlert bit changes to logic 1.
ComIEnReg register’s HiAlertIEn bit is set to logic 1. It activates pin IRQ when
Status1Reg register’s HiAlert bit changes to logic 1.
If the maximum number of WaterLevel bytes (as set in the WaterLevelReg register) or less
are stored in the FIFO buffer, the HiAlert bit is set to logic 1. It is generated according to
Equation 3:
(3)
If the number of WaterLevel bytes (as set in the WaterLevelReg register) or less are stored
in the FIFO buffer, the LoAlert bit is set to logic 1. It is generated according to Equation 4:
(4)
8.4 Interrupt request system
The MFRC522 indicates certain events by setting the Status1Reg register’s IRq bit and, if
activated, by pin IRQ. The signal on pin IRQ can be used to interrupt the host using its
interrupt handling capabilities. This allows the implementation of efficient host software.
8.4.1 Interrupt sources overview
Table 18 shows the available interrupt bits, the corresponding source and the condition for
its activation. The ComIrqReg register’s TimerIRq interrupt bit indicates an interrupt set by
the timer unit which is set when the timer decrements from 1 to 0.
The ComIrqReg register’s TxIRq bit indicates that the transmitter has finished. If the state
changes from sending data to transmitting the end of the frame pattern, the transmitter
unit automatically sets the interrupt bit. The CRC coprocessor sets the DivIrqReg
register’s CRCIRq bit after processing all the FIFO buffer data which is indicated by
CRCReady bit = 1.
The ComIrqReg register’s RxIRq bit indicates an interrupt when the end of the received
data is detected. The ComIrqReg register’s IdleIRq bit is set if a command finishes and
the Command[3:0] value in the CommandReg register changes to idle (see Table 149 on
page 67).
The ComIrqReg register’s HiAlertIRq bit is set to logic 1 when the Status1Reg register’s
HiAlert bit is set to logic 1 which means that the FIFO buffer has reached the level
indicated by the WaterLevel[5:0] bits.
The ComIrqReg register’s LoAlertIRq bit is set to logic 1 when the Status1Reg register’s
LoAlert bit is set to logic 1 which means that the FIFO buffer has reached the level
indicated by the WaterLevel[5:0] bits.
HiAlert
64
FIFOLength
() WaterLevel
=
LoAlert
FIFOLength
WaterLevel
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com