Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFRC522 Datasheet(PDF) 92 Page - NXP Semiconductors

Part # MFRC522
Description  Contactless reader IC
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC522 Datasheet(HTML) 92 Page - NXP Semiconductors

Back Button MFRC522 Datasheet HTML 88Page - NXP Semiconductors MFRC522 Datasheet HTML 89Page - NXP Semiconductors MFRC522 Datasheet HTML 90Page - NXP Semiconductors MFRC522 Datasheet HTML 91Page - NXP Semiconductors MFRC522 Datasheet HTML 92Page - NXP Semiconductors MFRC522 Datasheet HTML 93Page - NXP Semiconductors MFRC522 Datasheet HTML 94Page - NXP Semiconductors MFRC522 Datasheet HTML 95Page - NXP Semiconductors MFRC522 Datasheet HTML 96Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 92 / 96 page
background image
MFRC522_33
© NXP B.V. 2009. All rights reserved.
Product data sheet
PUBLIC
Rev. 3 — 26 October 2009
112133
92 of 96
continued >>
NXP Semiconductors
MFRC522
Contactless reader IC
Table 69. RxThresholdReg register (address 18h); reset
value: 84h bit allocation . . . . . . . . . . . . . . . . . .51
Table 70. RxThresholdReg register bit descriptions . . . .51
Table 71. DemodReg register (address 19h); reset value:
4Dh bit allocation . . . . . . . . . . . . . . . . . . . . . . .51
Table 72. DemodReg register bit descriptions . . . . . . . . .51
Table 73. Reserved register (address 1Ah); reset value:
00h bit allocation . . . . . . . . . . . . . . . . . . . . . . .52
Table 74. Reserved register bit descriptions . . . . . . . . . .52
Table 75. Reserved register (address 1Bh); reset value:
00h bit allocation . . . . . . . . . . . . . . . . . . . . . . .52
Table 76. Reserved register bit descriptions . . . . . . . . . .52
Table 77. MfTxReg register (address 1Ch); reset value:
62h bit allocation . . . . . . . . . . . . . . . . . . . . . . .52
Table 78. MfTxReg register bit descriptions . . . . . . . . . .52
Table 79. MfRxReg register (address 1Dh); reset value:
00h bit allocation . . . . . . . . . . . . . . . . . . . . . . .53
Table 80. MfRxReg register bit descriptions . . . . . . . . . .53
Table 81. Reserved register (address 1Eh); reset value:
00h bit allocation . . . . . . . . . . . . . . . . . . . . . . .53
Table 82. Reserved register bit descriptions . . . . . . . . . .53
Table 83. SerialSpeedReg register (address 1Fh); reset
value: EBh bit allocation . . . . . . . . . . . . . . . . .53
Table 84. SerialSpeedReg register bit descriptions . . . .53
Table 85. Reserved register (address 20h); reset value:
00h bit allocation . . . . . . . . . . . . . . . . . . . . . . .54
Table 86. Reserved register bit descriptions . . . . . . . . . .54
Table 87. CRCResultReg (higher bits) register (address
21h); reset value: FFh bit allocation . . . . . . . . .54
Table 88. CRCResultReg register higher bit descriptions . .
54
Table 89. CRCResultReg (lower bits) register (address
22h); reset value: FFh bit allocation . . . . . . . . .54
Table 90. CRCResultReg register lower bit descriptions .54
Table 91. Reserved register (address 23h); reset value:
88h bit allocation . . . . . . . . . . . . . . . . . . . . . . .55
Table 92. Reserved register bit descriptions . . . . . . . . . .55
Table 93. ModWidthReg register (address 24h);
reset value: 26h bit allocation . . . . . . . . . . . . .55
Table 94. ModWidthReg register bit descriptions . . . . . .55
Table 95. Reserved register (address 25h); reset value:
87h bit allocation . . . . . . . . . . . . . . . . . . . . . . .55
Table 96. Reserved register bit descriptions . . . . . . . . . .55
Table 97. RFCfgReg register (address 26h); reset value:
48h bit allocation . . . . . . . . . . . . . . . . . . . . . . .56
Table 98. RFCfgReg register bit descriptions . . . . . . . . .56
Table 99. GsNReg register (address 27h); reset value:
88h bit allocation . . . . . . . . . . . . . . . . . . . . . . .56
Table 100.GsNReg register bit descriptions . . . . . . . . . . .56
Table 101.CWGsPReg register (address 28h); reset value:
20h bit allocation . . . . . . . . . . . . . . . . . . . . . . .57
Table 102.CWGsPReg register bit descriptions . . . . . . . . 57
Table 103.ModGsPReg register (address 29h);
reset value: 20h bit allocation . . . . . . . . . . . . . 57
Table 104.ModGsPReg register bit descriptions . . . . . . . 57
Table 105.TModeReg register (address 2Ah); reset value:
00h bit allocation . . . . . . . . . . . . . . . . . . . . . . . 57
Table 106.TModeReg register bit descriptions . . . . . . . . 58
Table 107.TPrescalerReg register (address 2Bh); reset
value: 00h bit allocation . . . . . . . . . . . . . . . . . . 58
Table 108.TPrescalerReg register bit descriptions . . . . . 58
Table 109.TReloadReg (higher bits) register (address
2Ch); reset value: 00h bit allocation . . . . . . . . 59
Table 110.TReloadReg register higher bit descriptions . . 59
Table 111.TReloadReg (lower bits) register (address 2Dh);
reset value: 00h bit allocation . . . . . . . . . . . . . 59
Table 112.TReloadReg register lower bit descriptions . . 59
Table 113.TCounterValReg (higher bits) register
(address 2Eh); reset value: xxh bit allocation . 59
Table 114.TCounterValReg register higher bit descriptions .
59
Table 115.TCounterValReg (lower bits) register (address
2Fh); reset value: xxh bit allocation . . . . . . . . . 59
Table 116.TCounterValReg register lower bit
descriptions . . . . . . . . . . . . . . . . . . . . . . . . . . . 60
Table 117.Reserved register (address 30h); reset value:
00h bit allocation . . . . . . . . . . . . . . . . . . . . . . . 60
Table 118.Reserved register bit descriptions . . . . . . . . . . 60
Table 119.TestSel1Reg register (address 31h);
reset value: 00h bit allocation . . . . . . . . . . . . . 60
Table 120.TestSel1Reg register bit descriptions . . . . . . . 60
Table 121.TestSel2Reg register (address 32h);
reset value: 00h bit allocation . . . . . . . . . . . . . 60
Table 122.TestSel2Reg register bit descriptions . . . . . . . 61
Table 123.TestPinEnReg register (address 33h);
reset value: 80h bit allocation . . . . . . . . . . . . . 61
Table 124.TestPinEnReg register bit descriptions . . . . . . 61
Table 125.TestPinValueReg register (address 34h);
reset value: 00h bit allocation . . . . . . . . . . . . . 61
Table 126.TestPinValueReg register bit descriptions . . . . 62
Table 127.TestBusReg register (address 35h); reset value:
xxh bit allocation . . . . . . . . . . . . . . . . . . . . . . . 62
Table 128.TestBusReg register bit descriptions . . . . . . . . 62
Table 129.AutoTestReg register (address 36h);
reset value: 40h bit allocation . . . . . . . . . . . . . 62
Table 130.AutoTestReg register bit descriptions . . . . . . . 63
Table 131.VersionReg register (address 37h); reset value:
xxh bit allocation . . . . . . . . . . . . . . . . . . . . . . . 63
Table 132.VersionReg register bit descriptions . . . . . . . . 63
Table 133.AnalogTestReg register (address 38h); reset
value: 00h bit allocation . . . . . . . . . . . . . . . . . . 63
Table 134.AnalogTestReg register bit descriptions . . . . . 64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com