Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFRC522 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # MFRC522
Description  Contactless reader IC
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC522 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button MFRC522 Datasheet HTML 5Page - NXP Semiconductors MFRC522 Datasheet HTML 6Page - NXP Semiconductors MFRC522 Datasheet HTML 7Page - NXP Semiconductors MFRC522 Datasheet HTML 8Page - NXP Semiconductors MFRC522 Datasheet HTML 9Page - NXP Semiconductors MFRC522 Datasheet HTML 10Page - NXP Semiconductors MFRC522 Datasheet HTML 11Page - NXP Semiconductors MFRC522 Datasheet HTML 12Page - NXP Semiconductors MFRC522 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 96 page
background image
MFRC522_33
© NXP B.V. 2009. All rights reserved.
Product data sheet
PUBLIC
Rev. 3 — 26 October 2009
112133
9 of 96
NXP Semiconductors
MFRC522
Contactless reader IC
8.1.2 Serial Peripheral Interface
A serial peripheral interface (SPI compatible) is supported to enable high-speed
communication to the host. The interface can handle data speeds up to 10 Mbit/s. When
communicating with a host, the MFRC522 acts as a slave, receiving data from the
external host for register settings, sending and receiving data relevant for RF interface
communication.
An interface compatible with SPI enables high-speed serial communication between the
MFRC522 and a microcontroller. The implemented interface is in accordance with the SPI
standard.
The timing specification is given in Section 14.1 on page 75.
The MFRC522 acts as a slave during SPI communication. The SPI clock signal SCK must
be generated by the master. Data communication from the master to the slave uses the
MOSI line. The MISO line is used to send data from the MFRC522 to the master.
Data bytes on both MOSI and MISO lines are sent with the MSB first. Data on both MOSI
and MISO lines must be stable on the rising edge of the clock and can be changed on the
falling edge. Data is provided by the MFRC522 on the falling clock edge and is stable
during the rising clock edge.
8.1.2.1
SPI read data
Reading data using SPI requires the byte order shown in Table 6 to be used. It is possible
to read out up to n-data bytes.
The first byte sent defines both the mode and the address.
[1]
X = Do not care.
Remark: The MSB must be sent first.
Fig 7.
SPI connection to host
001aak586
MFRC522
SCK
SCK
MOSI
MOSI
MISO
MISO
NSS
NSS
Table 6.
MOSI and MISO byte order
Line
Byte 0
Byte 1
Byte 2
To
Byte n
Byte n + 1
MOSI
address 0
address 1
address 2
...
address n
00
MISO
X[1]
data 0
data 1
...
data n
− 1
data n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com