Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFRC522 Datasheet(PDF) 61 Page - NXP Semiconductors

Part # MFRC522
Description  Contactless reader IC
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC522 Datasheet(HTML) 61 Page - NXP Semiconductors

Back Button MFRC522 Datasheet HTML 57Page - NXP Semiconductors MFRC522 Datasheet HTML 58Page - NXP Semiconductors MFRC522 Datasheet HTML 59Page - NXP Semiconductors MFRC522 Datasheet HTML 60Page - NXP Semiconductors MFRC522 Datasheet HTML 61Page - NXP Semiconductors MFRC522 Datasheet HTML 62Page - NXP Semiconductors MFRC522 Datasheet HTML 63Page - NXP Semiconductors MFRC522 Datasheet HTML 64Page - NXP Semiconductors MFRC522 Datasheet HTML 65Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 96 page
background image
MFRC522_33
© NXP B.V. 2009. All rights reserved.
Product data sheet
PUBLIC
Rev. 3 — 26 October 2009
112133
61 of 96
NXP Semiconductors
MFRC522
Contactless reader IC
9.3.4.4
TestPinEnReg register
Enables the test bus pin output driver.
9.3.4.5
TestPinValueReg register
Defines the HIGH and LOW values for the test port D1 to D7 when it is used as I/O.
Table 122. TestSel2Reg register bit descriptions
Bit
Symbol
Value Description
7
TstBusFlip
1
test bus is mapped to the parallel port in the following order:
TstBusBit4,TstBusBit3, TstBusBit2, TstBusBit6, TstBusBit5,
TstBusBit0; see Section 16.1 on page 79
6
PRBS9
-
starts and enables the PRBS9 sequence according to ITU-TO150
Remark: all relevant registers to transmit data must be configured
before entering PRBS9 mode
the data transmission of the defined sequence is started by the
Transmit command
5
PRBS15
-
starts and enables the PRBS15 sequence according to ITU-TO150
Remark: all relevant registers to transmit data must be configured
before entering PRBS15 mode
the data transmission of the defined sequence is started by the
Transmit command
4 to 0 TestBusSel
[4:0]
-
selects the test bus; see Section 16.1 “Test signals”
Table 123. TestPinEnReg register (address 33h); reset value: 80h bit allocation
Bit
7
6
5
4
3
2
1
0
Symbol
RS232LineEn
TestPinEn[5:0]
reserved
Access
R/W
R/W
-
Table 124. TestPinEnReg register bit descriptions
Bit
Symbol
Value Description
7
RS232LineEn 0
serial UART lines MX and DTRQ are disabled
6 to 1 TestPinEn
[5:0]
-
enables the output driver on one of the data pins D1 to D7 which
outputs a test signal
Example:
setting bit 1 to logic 1 enables pin D1 output
setting bit 5 to logic 1 enables pin D5 output
Remark: If the SPI is used, only pins D1 to D4 can be used. If the
serial UART interface is used and the RS232LineEn bit is set to
logic 1 only pins D1 to D4 can be used.
0
reserved
-
reserved for future use
Table 125. TestPinValueReg register (address 34h); reset value: 00h bit allocation
Bit
7
6
5
4
3
2
1
0
Symbol
UseIO
TestPinValue[5:0]
reserved
Access
R/W
R/W
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com