Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFRC522 Datasheet(PDF) 91 Page - NXP Semiconductors

Part # MFRC522
Description  Contactless reader IC
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC522 Datasheet(HTML) 91 Page - NXP Semiconductors

Back Button MFRC522 Datasheet HTML 87Page - NXP Semiconductors MFRC522 Datasheet HTML 88Page - NXP Semiconductors MFRC522 Datasheet HTML 89Page - NXP Semiconductors MFRC522 Datasheet HTML 90Page - NXP Semiconductors MFRC522 Datasheet HTML 91Page - NXP Semiconductors MFRC522 Datasheet HTML 92Page - NXP Semiconductors MFRC522 Datasheet HTML 93Page - NXP Semiconductors MFRC522 Datasheet HTML 94Page - NXP Semiconductors MFRC522 Datasheet HTML 95Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 96 page
background image
MFRC522_33
© NXP B.V. 2009. All rights reserved.
Product data sheet
PUBLIC
Rev. 3 — 26 October 2009
112133
91 of 96
continued >>
NXP Semiconductors
MFRC522
Contactless reader IC
25. Tables
Table 1.
Quick reference data . . . . . . . . . . . . . . . . . . . . .2
Table 2.
Ordering information . . . . . . . . . . . . . . . . . . . . .3
Table 3.
Pin description . . . . . . . . . . . . . . . . . . . . . . . . . .5
Table 4.
Communication overview for
ISO/IEC 14443 A/MIFARE reader/writer . . . . . .7
Table 5.
Connection protocol for detecting different
interface types . . . . . . . . . . . . . . . . . . . . . . . . . .8
Table 6.
MOSI and MISO byte order . . . . . . . . . . . . . . . .9
Table 7.
MOSI and MISO byte order . . . . . . . . . . . . . . .10
Table 8.
Address byte 0 register; address MOSI . . . . . .10
Table 9.
BR_T0 and BR_T1 settings . . . . . . . . . . . . . . .11
Table 10. Selectable UART transfer speeds . . . . . . . . . .11
Table 11. UART framing . . . . . . . . . . . . . . . . . . . . . . . . .12
Table 12. Read data byte order . . . . . . . . . . . . . . . . . . . .12
Table 13. Write data byte order . . . . . . . . . . . . . . . . . . . .13
Table 14. Address byte 0 register; address MOSI . . . . . .15
Table 15. Register and bit settings controlling the
signal on pin TX1 . . . . . . . . . . . . . . . . . . . . . . .23
Table 16. Register and bit settings controlling the
signal on pin TX2 . . . . . . . . . . . . . . . . . . . . . . .24
Table 17. CRC coprocessor parameters . . . . . . . . . . . . .27
Table 18. Interrupt sources . . . . . . . . . . . . . . . . . . . . . . .29
Table 19. Behavior of register bits and their designation .33
Table 20. MFRC522 register overview . . . . . . . . . . . . . .34
Table 21. Reserved register (address 00h); reset value:
00h bit allocation . . . . . . . . . . . . . . . . . . . . . . .36
Table 22. Reserved register bit descriptions . . . . . . . . . .36
Table 23. CommandReg register (address 01h); reset
value: 20h bit allocation . . . . . . . . . . . . . . . . . .36
Table 24. CommandReg register bit descriptions . . . . . .36
Table 25. ComIEnReg register (address 02h); reset value:
80h bit allocation . . . . . . . . . . . . . . . . . . . . . . .36
Table 26. ComIEnReg register bit descriptions . . . . . . . .37
Table 27. DivIEnReg register (address 03h); reset value:
00h bit allocation . . . . . . . . . . . . . . . . . . . . . . .37
Table 28. DivIEnReg register bit descriptions . . . . . . . . .37
Table 29. ComIrqReg register (address 04h); reset value:
14h bit allocation . . . . . . . . . . . . . . . . . . . . . . .37
Table 30. ComIrqReg register bit descriptions . . . . . . . .38
Table 31. DivIrqReg register (address 05h); reset value: x0h
bit allocation . . . . . . . . . . . . . . . . . . . . . . . . . . .38
Table 32. DivIrqReg register bit descriptions . . . . . . . . . .38
Table 33. ErrorReg register (address 06h); reset value: 00h
bit allocation . . . . . . . . . . . . . . . . . . . . . . . . . . .39
Table 34: ErrorReg register bit descriptions . . . . . . . . . .39
Table 35. Status1Reg register (address 07h); reset value:
21h bit allocation . . . . . . . . . . . . . . . . . . . . . . .40
Table 36. Status1Reg register bit descriptions . . . . . . . .40
Table 37. Status2Reg register (address 08h);
reset value: 00h bit allocation . . . . . . . . . . . . . 41
Table 38. Status2Reg register bit descriptions . . . . . . . . 41
Table 39. FIFODataReg register (address 09h);
reset value: xxh bit allocation . . . . . . . . . . . . . 42
Table 40. FIFODataReg register bit descriptions . . . . . . 42
Table 41. FIFOLevelReg register (address 0Ah);
reset value: 00h bit allocation . . . . . . . . . . . . . 42
Table 42. FIFOLevelReg register bit descriptions . . . . . . 42
Table 43. WaterLevelReg register (address 0Bh);
reset value: 08h bit allocation . . . . . . . . . . . . . 42
Table 44. WaterLevelReg register bit descriptions . . . . . 43
Table 45. ControlReg register (address 0Ch);
reset value: 10h bit allocation . . . . . . . . . . . . . 43
Table 46. ControlReg register bit descriptions . . . . . . . . 43
Table 47. BitFramingReg register (address 0Dh);
reset value: 00h bit allocation . . . . . . . . . . . . . 44
Table 48. BitFramingReg register bit descriptions . . . . . 44
Table 49. CollReg register (address 0Eh); reset value:
xxh bit allocation . . . . . . . . . . . . . . . . . . . . . . . 44
Table 50. CollReg register bit descriptions . . . . . . . . . . . 44
Table 51. Reserved register (address 0Fh); reset value:
00h bit allocation . . . . . . . . . . . . . . . . . . . . . . . 45
Table 52. Reserved register bit descriptions . . . . . . . . . . 45
Table 53. Reserved register (address 10h); reset value:
00h bit allocation . . . . . . . . . . . . . . . . . . . . . . . 45
Table 54. Reserved register bit descriptions . . . . . . . . . . 45
Table 55. ModeReg register (address 11h); reset value:
3Fh bit allocation . . . . . . . . . . . . . . . . . . . . . . . 46
Table 56. ModeReg register bit descriptions . . . . . . . . . . 46
Table 57. TxModeReg register (address 12h); reset value:
00h bit allocation . . . . . . . . . . . . . . . . . . . . . . . 46
Table 58. TxModeReg register bit descriptions . . . . . . . . 47
Table 59. RxModeReg register (address 13h); reset value:
00h bit allocation . . . . . . . . . . . . . . . . . . . . . . . 47
Table 60. RxModeReg register bit descriptions . . . . . . . 47
Table 61. TxControlReg register (address 14h);
reset value: 80h bit allocation . . . . . . . . . . . . . 48
Table 62. TxControlReg register bit descriptions . . . . . . 48
Table 63. TxASKReg register (address 15h); reset value:
00h bit allocation . . . . . . . . . . . . . . . . . . . . . . . 49
Table 64. TxASKReg register bit descriptions . . . . . . . . 49
Table 65. TxSelReg register (address 16h); reset value:
10h bit allocation . . . . . . . . . . . . . . . . . . . . . . . 49
Table 66. TxSelReg register bit descriptions . . . . . . . . . 49
Table 67. RxSelReg register (address 17h); reset value:
84h bit allocation . . . . . . . . . . . . . . . . . . . . . . . 50
Table 68. RxSelReg register bit descriptions . . . . . . . . . 50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com